Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP89JCS3LBTR Datasheet(PDF) 1 Page - GREATECS

Part # TP89JCS3LBTR
Description  5x5mm SMT Halogen-Free Tactile Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREATECS [GREATECS]
Direct Link  http://www.greatecs.com
Logo GREATECS - GREATECS

TP89JCS3LBTR Datasheet(HTML) 1 Page - GREATECS

  TP89JCS3LBTR Datasheet HTML 1Page - GREATECS TP89JCS3LBTR Datasheet HTML 2Page - GREATECS TP89JCS3LBTR Datasheet HTML 3Page - GREATECS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tactile Switches
5x5mm SMT Halogen-Free Tactile Switches
TP89 Series
sales@greatecs.com
www.greatecs.com
1
How to order:
General Specifications:
1
2
TYPE OF TERMINALS:
1
TP89
3
S
J
Gull Wing SMT Terminals
J Bend SMT Terminals
4
MATERIALS
» Halogen-free materials
» Cover: Nickel Silver or stainless steel
» Contact Disc: Stainless steel with silver cladding
» Terminal: Brass with silver plated
» Base: LCP High-temp Thermoplastic black
» Plastic Stem: LCP High-temp Thermoplastic black
» Tape: Teflon
MECHANICAL
» Stroke: 0.25
» Stop Strength: Max.3kgf vertical static load continuously
for 15 seconds
» Operation Temperature Range: -25°C to +70°C
» Storage Temperature Range: -30°C to +80°C
ELECTRICAL
» Electrical Life: 1,000,000 cycles min. for 100gf &160gf
200,000 cycles min. for 260gf
» Rating: 50 mA, 12 VDC
» Contact Resistance: 100m
Ω max.
» Insulation Resistance: 100m
Ω min.at 500VDC
» Dielectric Strength: 250VAC/ 1 minute
» Contact Arrangment: 1 pole 1 throw
5
TP89SG...3...
+ 0.1mm
- 0.2mm
General Tolerance: ±0.2mm
GROUND TERMINALS:
2
G
C
With Ground Terminals
With Ground Pin in Central
MATERIAL OF COVER:
3
N
S
Nickel Silver (Standard)
Stainless Steel
TOTAL HEIGHT:
4
2
3
0.8 mm
1.5 mm
OPERATING FORCE:
5
L
S
H
100gf ± 50gf
160gf ± 50gf
260gf ± 50gf
STEM:
6
N
A
B
Metal Stem
Black Stem (only for 160gf)
White Stem (only for 100gf & 260gf)
PACKAGING:
7
TR
Tape and Reel (4000 pcs per reel)
6
7
PCB LAYOUT (with ground)
PCB LAYOUT (without ground)
CIRCUIT (with ground)
CIRCUIT (without ground)
PCB LAYOUT (with ground)
PCB LAYOUT (without ground)
CIRCUIT (with ground)
CIRCUIT (without ground)
TP89SG...2...


Similar Part No. - TP89JCS3LBTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TP89R103NL TOSHIBA-TP89R103NL Datasheet
259Kb / 9P
MOSFETs Silicon N-channel MOS (U-MOS-H)
Rev.2.0
More results

Similar Description - TP89JCS3LBTR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS-100637 ETC2-MS-100637 Datasheet
158Kb / 1P
Tactile Switches (SMT)
logo
GREATECS
DX48H GREATECS-DX48H Datasheet
182Kb / 5P
SMT Half Pitch Type Halogen-Free DIP Switches
TP36 GREATECS-TP36 Datasheet
134Kb / 1P
Long Travel SMT Tactile Switches
TP38H GREATECS-TP38H Datasheet
219Kb / 7P
6x6 mm SMT Halogen-Free Tactile Switches
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
12 x 12 mm Washable Halogen-Free Tactile Switches
TPA00 GREATECS-TPA00 Datasheet
2Mb / 7P
SPST SMT Tactile Switches with LED
TPJ GREATECS-TPJ Datasheet
335Kb / 1P
SPST SMT Tactile Switches with LED
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
Tactile Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com