Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2115D48 Datasheet(PDF) 5 Page - Make-Ps

Part # 2115D48
Description  Single, Dual, Triple Output DC/DC Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAKE-PS [Make-Ps]
Direct Link  http://www.make-ps.com
Logo MAKE-PS - Make-Ps

2115D48 Datasheet(HTML) 5 Page - Make-Ps

  2115D48 Datasheet HTML 1Page - Make-Ps 2115D48 Datasheet HTML 2Page - Make-Ps 2115D48 Datasheet HTML 3Page - Make-Ps 2115D48 Datasheet HTML 4Page - Make-Ps 2115D48 Datasheet HTML 5Page - Make-Ps 2115D48 Datasheet HTML 6Page - Make-Ps  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
The converter’s output voltage may be trimmed by up to
±10% of the nominal output voltage.
T
TR
RIIM
M U
UP
P ((C
Ca
asse
e A
A))
Trim output voltage up by connecting an external resistor between Pins 5 and 8. Use the following
equation, reference Table 1 for variables A.
Example:
Trim both outputs 5% up for 12V Output units,
where A = 1.98,
Δ % = 0.05
T
TR
RIIM
M D
DO
OW
WN
N ((C
Ca
asse
e A
A))
Trim output voltage down by connecting an external resistor between Pins 5 and 8. Use the following
equation, reference Table 2 for variables C and D.
Example:
Trim 5% down for 5V Output units,
where C =5.63, D = 31.5,
Δ % = 0.05
Radj-up =
O
OU
UT
TP
PU
UT
T
V
VO
OLLT
TA
AG
GE
E
A
AD
DJ
JU
US
ST
TM
ME
EN
NT
T
((22110000 S
SEERRIIEESS -- D
DU
UA
ALL
O
OU
UT
TP
PU
UT
T
))
A
Δ %
- 24 (k
Ω)
COM 7
COM 7
1
2
3
TRIM 5
TRIM 5
-OUT 6
-OUT 6
Radj-up
Radj-up
4
+ OUT 8
+ OUT 8
COM 7
COM 7
1
2
3
TRIM 5
TRIM 5
-OUT 6
-OUT 6
Radj-down
Radj-down
4
+ OUT 8
+ OUT 8
Radj-up =
2.23
0.05
- 24 k
Ω= 20.6 kΩ
Radj-down =
C
Δ %
- D (k
Ω)
Radj-down =
5.63
0.05
- 31.5 k
Ω = 81.1 kΩ
Table 1.
Output Voltage
C
C
D
D
5V
5.63
31.5
12V
19.3
45.5
15V
25.1
51.4
Table 2.
Output Voltage
A
A
5V
1.87
12V
2.23
15V
2.28
>> B-170
www.make-ps.com
E-mail:info@make-ps.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com