Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX67 Datasheet(PDF) 2 Page - Seme LAB

Part # BDX67
Description  NPN EPITAXIAL BASE DARLINGTON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BDX67 Datasheet(HTML) 2 Page - Seme LAB

  BDX67 Datasheet HTML 1Page - Seme LAB BDX67 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
mA
mA
V
pF
kHz
V
BDX67
BDX67A
BDX67B
BDX67C
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
7/99
ELECTRICAL CHARACTERISTICS (T
j = 25°C, unless otherwise stated)
ICEO
Collector cut-off current
IEBO
Emitter cut-off current
hFE
D.C. current gain (note 1)
VBE
Base - emitter voltage (note 1)
Cc
Collector capacitance
fhfe
Cut-off frequency
hfe
Small signal current gain
VF
Diode, forward voltage
IE = 0,
VCB = VCEOmax
IE = 0, VCB = ½VCBOmax, Tj = 200°C
IB = 0,
VCE = ½VCEOmax
IC = 0,
VEB = 5V
IC =1A,
VCE = 3V
IC = 10A,
VCE = 3V
IC = 16A,
VCE = 3V
IC = 10A,
VCE = 3V
IE = Ie = 0, VCB = 10V f = 1MHz
IC = 5A,
VCE = 3V
–IBoff = 0,
ICC = 7.8 A
tp = 1ms,
d < 1%
IC = 5A, VCE = 3V, f = 1MHz
IF = 10A
1
5
1
5
5200
1000
4000
2.5
300
50
20
2.5
Parameter
Test Conditions
Min.
Typ.
Max.
Unit.
Note 1: Measured under pulse conditions , tp < 300ms, d < 2%
2
E(BR)
Turn-off breakdown energy
with inductive load
VCEsat
Collector - emitter saturation
voltage
IC = 10A,
IB = 40mA
V
150
mJ
ICBO
Collector cut-off current
mA
R1 typ. 3K
W
R2 typ. 80
W
R2
R1
B
C
E
Circuit Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com