Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8429ARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8429ARZ-R7
Description  1 nV/?숰z Low Noise Instrumentation Amplifier 짹4 V to 짹18 V dual supply
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8429ARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8429ARZ-R7 Datasheet HTML 4Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 5Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 6Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 7Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 8Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 9Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 10Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 11Page - Analog Devices AD8429ARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8429
Rev. 0 | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
T = 25°C, VS = ±15, VREF = 0, RL = 10 kΩ, unless otherwise noted.
15
–15
–10
–5
0
5
10
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
G = 1
VS = ±15V
VS = ±12V
VS = ±5V
Figure 4. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±5 V, ±12 V, ±15 V (G = 1)
15
–15
–10
–5
0
5
10
–15
–10
–5
0
5
10
15
OUTPUT VOLTAGE (V)
G = 100
VS = ±15V
VS = ±12V
VS = ±5V
Figure 5. Input Common-Mode Voltage vs. Output Voltage,
Dual Supply, VS = ±5 V, ±12 V, ±15 V (G = 100)
–12.28V
+12.60V
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–14 –12 –10 –8 –6 –4 –2
0
2
4
6
8
10 12 14
COMMON-MODE VOLTAGE (V)
Figure 6. Input Bias Current vs. Common-Mode Voltage
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
GAIN = 1
GAIN = 1000
GAIN = 10
GAIN = 100
Figure 7. Positive PSRR vs. Frequency
FREQUENCY (Hz)
0
20
40
60
80
100
120
140
160
1
10
100
1k
10k
100k
1M
GAIN = 1
GAIN = 1000
GAIN = 10
GAIN = 100
Figure 8. Negative PSRR vs. Frequency
–30
–20
–10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 1
GAIN = 1000
GAIN = 100
GAIN = 10
VS = ±15V
Figure 9. Gain vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com