Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9146 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9146
Description  Dual, 16-Bit, 1230 MSPS, TxDAC Digital-to-Analog Converter
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9146 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9146 Datasheet HTML 9Page - Analog Devices AD9146 Datasheet HTML 10Page - Analog Devices AD9146 Datasheet HTML 11Page - Analog Devices AD9146 Datasheet HTML 12Page - Analog Devices AD9146 Datasheet HTML 13Page - Analog Devices AD9146 Datasheet HTML 14Page - Analog Devices AD9146 Datasheet HTML 15Page - Analog Devices AD9146 Datasheet HTML 16Page - Analog Devices AD9146 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AD9146
Rev. 0 | Page 13 of 52
–84
–82
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
0
40
80 120 160 200 240 280 320 360 400 440 480
fOUT (MHz)
1 CARRIER
4 CARRIER
–80
–78
–76
–74
–72
–70
–68
–66
–64
–62
–60
040
80
120 160 200 240 280 320 360 400 440 480
fOUT (MHz)
2×, PLL OFF
2×, PLL ON
4×, PLL OFF
4×, PLL ON
Figure 21. Four-Carrier W-CDMA ACLR vs. fOUT over Interpolation, Second
Alternate Channel, fDATA = 245.76 MSPS, PLL Off and PLL On
Figure 23. W-CDMA ACLR vs. fOUT over Number of Carriers, Adjacent Channel,
4× Interpolation, fDATA = 245.76 MSPS, Digital Scale = −6 dBFS, PLL Off
CENTER 122MHz
#RES BW 30kHz
SPAN 49.68MHz
SWEEP 1.371s
VBW 3kHz
–35
–25
–55
–45
–75
–65
–95
–105
–125
–115
–85
OFFSET
FREQ
FILTER
CARRIER
POWER
INTEG
BW
dBc
LOWER
ACP-IBW
TOTAL CARRIER POWER –16.469dBm/15.36MHz
UPPER
dBm
dBc
dBm
FILTER
5MHz
10MHz
15MHz
ON
1 –22.205dBm/3.84MHz
3.84MHz
3.84MHz
3.84MHz
–76.37
–77.45
–77.59
–98.78
–99.85
–99.99
–77.11
–77.49
–77.51
–99.52
–99.89
–99.91
ON
ON
ON
–22.2dBm
–22.4dBm
–22.7dBm
–22.7dBm
CENTER 200MHz
#RES BW 30kHz
SPAN 49.68MHz
SWEEP 1.371s
VBW 3kHz
–35
–25
–55
–45
–75
–65
–95
–105
–125
–115
–85
–23.3dBm
–22.9dBm
–22.6dBm
–22.8dBm
OFFSET
FREQ
FILTER
CARRIER
POWER
INTEG
BW
dBc
LOWER
ACP-IBW
TOTAL CARRIER POWER –16.873dBm/15.36MHz
UPPER
dBm
dBc
dBm
FILTER
5MHz
10MHz
15MHz
ON
1 –23.284dBm/3.84MHz
3.84MHz
3.84MHz
3.84MHz
–76.55
–76.73
–76.64
–99.49
–99.67
–99.59
–75.66
–75.68
–75.88
–98.60
–98.62
–98.83
ON
ON
ON
Figure 22. Four-Carrier W-CDMA Performance, 4× Interpolation,
fDATA = 245.76 MSPS, Digital Scale = −6 dBFS, fOUT = 122 MHz
Figure 24. Four-Carrier W-CDMA Performance, 4× Interpolation,
fDATA = 245.76 MSPS, Digital Scale = −6 dBFS, fOUT = 200 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com