Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9837 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9837
Description  Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9837 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9837 Datasheet HTML 17Page - Analog Devices AD9837 Datasheet HTML 18Page - Analog Devices AD9837 Datasheet HTML 19Page - Analog Devices AD9837 Datasheet HTML 20Page - Analog Devices AD9837 Datasheet HTML 21Page - Analog Devices AD9837 Datasheet HTML 22Page - Analog Devices AD9837 Datasheet HTML 23Page - Analog Devices AD9837 Datasheet HTML 24Page - Analog Devices AD9837 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD9837
Rev. 0 | Page 21 of 28
EVALUATION BOARD
The AD9837 evaluation board allows designers to evaluate the
high performance AD9837 DDS modulator with a minimum
of effort.
SYSTEM DEMONSTRATION PLATFORM
The system demonstration platform (SDP) is a hardware and
software evaluation tool for use in conjunction with product
evaluation boards. The SDP board is based on the Blackfin®
ADSP-BF527 processor with USB connectivity to the PC
through a USB 2.0 high speed port. For more information,
see the SDP board product page.
Note that the SDP board is sold separately from the AD9837
evaluation board.
AD9837 TO SPORT INTERFACE
The Analog Devices SDP board has a SPORT serial port that is
used to control the serial inputs to the AD9837. The connections
are shown in Figure 28.
AD9837
FSYNC
SCLK
SDATA
ADSP-BF527
SPORT_TFS
SPORT_TSCLK
SPORT_DT0
Figure 28. SDP to AD9837 Interface
EVALUATION KIT
The DDS evaluation kit includes a populated, tested AD9837
printed circuit board (PCB). The schematics of the evaluation
board are shown in Figure 30 and Figure 31.
The software provided in the evaluation kit allows the user to
easily program the AD9837 (see Figure 29). The evaluation soft-
ware runs on any IBM-compatible PC with Microsoft® Windows®
software installed (including Windows 7). The software is com-
patible with both 32-bit and 64-bit operating systems.
More information about the evaluation software is available on
the software CD and on the AD9837 product page.
Figure 29. AD9837 Evaluation Software Interface
CRYSTAL OSCILLATOR VS. EXTERNAL CLOCK
The AD9837 can operate with master clocks up to 16 MHz.
A 16 MHz oscillator is included on the evaluation board. This
oscillator can be removed and, if required, an external CMOS
clock can be connected to the part. Options for the general
oscillator include the following:
•
AEL 301-Series oscillators, AEL Crystals
•
SG-310SCN oscillators, Epson Electronics
POWER SUPPLY
Power to the AD9837 evaluation board can be provided from
the USB connector or externally through pin connections. The
power leads should be twisted to reduce ground loops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com