Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8253 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8253
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8253 Datasheet HTML 9Page - Analog Devices AD8253 Datasheet HTML 10Page - Analog Devices AD8253 Datasheet HTML 11Page - Analog Devices AD8253 Datasheet HTML 12Page - Analog Devices AD8253 Datasheet HTML 13Page - Analog Devices AD8253 Datasheet HTML 14Page - Analog Devices AD8253 Datasheet HTML 15Page - Analog Devices AD8253 Datasheet HTML 16Page - Analog Devices AD8253 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary Technical Data
AD8426
Rev. PrD | Page 13 of 20
HIDDEN
PADDLE
BOTTOM VIEW
EXPOSED LEAD
FRAME TABS
NOTES
1. EXPOSED LEAD FRAME TABS AT THE FOUR CORNERS
OF THE PACKAGE ARE INTERNALLY CONNECTED TO
+VS. REFER TO THE OUTLINE DIMENSIONS PAGE, FOR
FURTHER INFORMATION ON PACKAGE AVAILABILITY.
Figure 10. Hidden Paddle Package, Bottom View
Common-Mode Rejection Ratio over Frequency
Poor layout can cause some of the common-mode signals to be
converted to differential signals before reaching the in-amp. Such
conversions occur when one input path has a frequency response
that is different from the other. To keep CMRR across frequency
high, the input source impedance and capacitance of each path
should be closely matched. Additional source resistance in the
input path (for example, for input protection) should be placed
close to the in-amp inputs, which minimizes their interaction
with parasitic capacitance from the PCB traces.
Parasitic capacitance at the gain setting pins can also affect CMRR
over frequency. If the board design has a component at the gain
setting pins (for example, a switch or jumper), the component
should be chosen so that the parasitic capacitance is as small as
possible.
Power Supplies
A stable dc voltage should be used to power the instrumenta-
tion amplifier. Noise on the supply pins can adversely affect
performance.
A 0.1 μF capacitor should be placed as close as possible to each
supply pin. As shown in Figure 11, a 10 μF capacitor can be used
farther away from the part. In most cases, it can be shared by
other precision integrated circuits.
AD8426
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 11. Supply Decoupling, REF, and Output Referred to Local Ground
References
The output voltage of the AD8426 is developed with respect to
the potential on the reference terminal. Care should be taken to
tie REF to the appropriate local ground. This should also help
minimize crosstalk between the two channels.
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8426 must have a return path
to ground. When the source, such as a thermocouple, cannot
provide a return current path, one should be created, as shown
in Figure 12.
THERMOCOUPLE
+VS
REF
–VS
AD8426
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8426
TRANSFORMER
+VS
REF
–VS
AD8426
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8426
1
fHIGH-PASS = 2πRC
THERMOCOUPLE
+VS
REF
–VS
10MΩ
AD8426
TRANSFORMER
+VS
REF
–VS
AD8426
CORRECT
Figure 12. Creating an Input Bias Current Return Path
INPUT PROTECTION
The AD8426 has very robust inputs and typically does not
need additional input protection. Input voltages can be up to
40 V from the opposite supply rail. For example, with a +5 V
positive supply and a −8 V negative supply, the part can safely
withstand voltages from −35 V to +32 V. Unlike some other
instrumentation amplifiers, the part can handle large differen-
tial input voltages even when the part is in high gain.
The rest of the AD8426 terminals should be kept within the
supplies. All terminals of the AD8426 are protected against ESD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com