Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INDY4100 Datasheet(PDF) 1 Page - G24 Innovations

Part # INDY4100
Description  Dye Sensitised Indoor Photovoltaic Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  G24I [G24 Innovations]
Direct Link  http://www.g24i.com
Logo G24I - G24 Innovations

INDY4100 Datasheet(HTML) 1 Page - G24 Innovations

  INDY4100 Datasheet HTML 1Page - G24 Innovations  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
G24 Innovations Ltd, Wentloog Environmental Centre, Cardiff, UK, CF3 2GH Tel:+44 (0) 2920 837 340
www.g24i.com
For all prototype samples e-mail: sales@g24i.com
Dye Sensitised Indoor Photovoltaic Module
Parameter
Symbol
Condition
Typical
Minimum
Maximum
Units
Open circuit voltage
Voc
200 lux
2.24
2.17
2.31
V
1000 lux
2.50
2.45
2.55
Short circuit current
Isc
200 lux
109
105
113
µA
1000 lux
524
498
551
Operating voltage
Vop
200 lux
1.81
1.74
1.89
V
1000lux
2.03
1.96
2.09
Operating current
Iop
200 lux
97
93
101
µA
1000 lux
476
454
497
Bend radius
Br
-
30
-
-
mm
Thickness
d
-
0.35
-
-
mm
Mass
M
0.06
gcm-2
F36W-827 Fluorescent tubes
G0090; Iss02
This evaluation module is intended for development,
demonstration or evaluation purposes only. G24i does
not provide this module as a finished product fit for
general use. Persons handling the module must have
electronics training and observe good engineering
practice standards. G24i reserves the right to change
the module specification at any time.
G24i’s dye sensitised indoor photovoltaic modules
have been optimised to work under indoor lighting
providing the highest power density.
N.B.
All dimensional measurements shown are
approximate.
Performance specifications shown maybe
subject to variation.
Physical Characteristics maybe
subject to change.
Longitudinal bend radius spec (r
long)
Lateral bend radius spec (r
lat)
All samples supplied are prototype subject
to customer specification.
B
L E
N.B.Image not to scale
61mm
100mm
ve
ve
+
_
r
long =100mm
r
lat = +/-1.0mm
+1.0mm
-1.0mm
Indy4100
data sheet
Power connections are suitable
for crimp connection or soldered
connection with the appropriate
use of heat-shunt tweezers to
ensure minimal heating of the
polymer material.


Similar Part No. - INDY4100

ManufacturerPart #DatasheetDescription
logo
G24 Innovations
INDY4050 G24I-INDY4050 Datasheet
1,000Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
More results

Similar Description - INDY4100

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KS20 KSS-KS20 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
KS12 KSS-KS12 Datasheet
151Kb / 1P
MULTICRYSTAL PHOTOVOLTAIC MODULE
logo
G24 Innovations
INDY2050 G24I-INDY2050 Datasheet
992Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY2100 G24I-INDY2100 Datasheet
1Mb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY2200 G24I-INDY2200 Datasheet
1,005Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3050 G24I-INDY3050 Datasheet
984Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3100 G24I-INDY3100 Datasheet
1,014Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY3200 G24I-INDY3200 Datasheet
984Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
INDY4050 G24I-INDY4050 Datasheet
1,000Kb / 1P
Dye Sensitised Indoor Photovoltaic Module
logo
List of Unclassifed Man...
PX72-260 ETC2-PX72-260 Datasheet
563Kb / 2P
PHOTOVOLTAIC MODULE PX72
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com