Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS16407 Datasheet(PDF) 21 Page - Analog Devices

Part # ADIS16407
Description  Ten Degrees of Freedom Inertial Sensor Platform stabilization and control
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16407 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADIS16407 Datasheet HTML 16Page - Analog Devices ADIS16407 Datasheet HTML 17Page - Analog Devices ADIS16407 Datasheet HTML 18Page - Analog Devices ADIS16407 Datasheet HTML 19Page - Analog Devices ADIS16407 Datasheet HTML 20Page - Analog Devices ADIS16407 Datasheet HTML 21Page - Analog Devices ADIS16407 Datasheet HTML 22Page - Analog Devices ADIS16407 Datasheet HTML 23Page - Analog Devices ADIS16407 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADIS16407
Rev. A | Page 21 of 24
Hard Iron Factors
When the hard iron error estimation is complete, take the
following steps:
1.
Multiply the estimate by −1 to change its polarity.
2.
Convert it into digital format for the hard iron correction
registers (Table 55).
3.
Write the correction factors to the correction registers. For
example, lower the x-axis bias by 10 LSB (5 mgauss) by
setting XMAGN_HIC = 0x1FF6 (DIN = 0xAB1F, 0xAAF6).
Soft Iron Effects
The XMAGN_SIC (Table 58), YMAGN_SIC (Table 59), and
ZMAGN_SIC (Table 60) registers provide an adjustment
variable for the magnetometer sensitivity adjustment in each
magnetometer response to simplify the process of performing a
system level soft iron correction.
Table 58. XMAGN_SIC (Base Address = 0x30), Read/Write
Bits
Description (Default = 0x0000)
[15:12]
Not used
[11:0]
X-axis soft iron correction factor, binary format,
2 = 0xFFF, 1 = 0x800, 0 = 0x000, ~0.0488%/LSB
Table 59. YMAGN_SIC (Base Address = 0x32), Read/Write
Bits
Description (Default = 0x0000)
[15:12]
Not used
[11:0]
Y-axis soft iron correction factor, binary format,
2 = 0xFFF, 1 = 0x800, 0 = 0x000, ~0.0488%/LSB
Table 60. ZMAGN_SIC (Base Address = 0x34), Read/Write
Bits
Description (Default = 0x0000)
[15:12]
Not used
[11:0]
Z-axis soft iron correction factor, binary format,
2 = 0xFFF, 1 = 0x800, 0 = 0x000, ~0.0488%/LSB
Soft Iron Factors
When the soft iron error estimation is complete, convert the
sensitivity into the digital format for the soft iron correction
registers (Table 58) and write the correction factors to the
correction registers. A simple method for converting the
correction factor is to divide it by 2 and multiply it by 4095. For
example, increasing the default soft iron factor to approximately
1.15 uses a binary code for 2355, or 0x933. Increase the soft iron
correction factor for the y-axis to approximately 1.15 by setting
YMAGN_SIC = 0x0933 (DIN = 0xB309, 0xB233).
FLASH UPDATES
When using the user calibration registers to optimize system
level accuracy, keep in mind that the register values are volatile
until their contents are saved in the nonvolatile flash memory.
After writing all of the correction factors into the user correction
registers, set GLOB_CMD[3] = 1 (DIN = 0xC204) to save these
settings in nonvolatile flash memory. Be sure to consider the
endurance rating of the flash memory when determining how
often to update the user correction factors in the flash memory.
RESTORING FACTORY CALIBRATION
Set GLOB_CMD[1] = 1 (DIN = 0xC202) to execute the factory
calibration restore function. This is a single command function,
which resets the gyroscope and accelerometer offset registers to
0x0000 and all sensor data to 0. Then, it automatically updates the
flash memory within 75 ms and restarts sampling and processing
data. See Table 32 for more information on GLOB_CMD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com