Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX29 Datasheet(PDF) 2 Page - Seme LAB

Part # BFX29
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX29 Datasheet(HTML) 2 Page - Seme LAB

  BFX29 Datasheet HTML 1Page - Seme LAB BFX29 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise stated)
BFX29
Prelim.5/99
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
VEB = 5.0V
IC = 0
VEB = 3V
IC = 0
VCB =60V
IE = 0
VCB =50V
IE = 0
Tj = 100°C
VCE =10V
IC = 0.1mA
VCE = 10V
IC = 1mA
VCE = 10V
IC = 10mA
VCE =10V
IC = 50mA
VCE = 10V
IC = 150mA
IC = 150mA
IB = 15mA
IC = 30mA
IB = 1.0mA
IC = 150mA
IB = 15mA
VCB = 10V
IE = Ie =0
f=1.0MHz
VEB = 2.0V
IC = Ic =0
f=1.0MHz
VCE = 10V
IC = 50mA
f=100MHz
Tamb = 25°C
Emitter Cut–off Current
Collector Cut–off Current
DC Current Gain
Collector – Emitter
Saturation Voltage
Base – Emitter Saturation Voltage
Collector Capactitance
Emitter Capactitance
Transistion Frequency
30
500
1.0
100
1.0
500
0.5
50
0.03
2.0
20
90
40
105
50
125
50
125
40
90
0.15
0.40
0.77
0.90
1.05
1.30
6
12
18
30
100
360
nA
nA
mA
—
V
V
pF
MHz
IEBO
ICBO
hFE
VCE(sat)
VBE(sat)
Ctc
Cte
fT
THERMAL CHARACTERISTICS
Rqth(j-amb) Thermal Resistance Junction to Ambient
292
°C/W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com