Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFX38 Datasheet(PDF) 2 Page - Seme LAB

Part # BFX38
Description  PNP SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BFX38 Datasheet(HTML) 2 Page - Seme LAB

  BFX38 Datasheet HTML 1Page - Seme LAB BFX38 Datasheet HTML 2Page - Seme LAB BFX38 Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BFX38
VCB = - 40V
IE = 0
BFX39
Tamb = 125°C
BFX40
VCB = - 50V
IE = 0
BFX41
Tamb = 125°C
BFX38
BFX39
BFX40
BFX41
BFX38
BFX39
BFX40
BFX41
ALL
IE = 10mAIC = 0
ALL
ALL
BFX38 BFX40
IC = - 100mAVCE = - 5V
*IC = - 100mA VCE = - 5V
*IC = - 500mA VCE = - 5V
BFX39 BFX41
IC = - 100mAVCE = - 5V
*IC = - 100mA VCE = - 5V
*IC = - 500mA VCE = - 5V
*IC = - 1A
VCE = - 5V
BFX38
BFX39
BFX40
BFX41
*IC = - 100mA VCE = - 5V
Tamb = - 55°C
BFX38 BFX40
BFX39 BFX41
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise stated)
BFX38
BFX39
BFX40
BFX41
Prelim.9/00
Semelab plc. Telephone +44(0)1455) 556565. Fax +44(0)1455) 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Collector Cutoff Current
Collector-Base Breakdown Voltage
Collector Emitter Sustaining
Voltage
Emitter - Base
Breakdown Voltage
Collector- Emitter Saturation
Voltage
Base - Emitter Saturation
Voltage
DC Current Gain
- 0.2
- 50
-0.25
-50
- 0.2
- 50
-0.25
-50
-55
- 75
-55
-75
-5
- 0.12
- 0.15
- 0.3
- 0.5
- 0.8
- 0.9
-0.9
-1.1
60
90
85
130
60
120
30
45
40
70
25
65
30
15
25
10
30
15
nA
mA
nA
mA
V
V
V
V
V
—
ICBO
V(BR)CBO
VCEO(SUS)*
V(BR)EBO
VCE(SAT)*
VBE(SAT)*
hFE
IC = -150mA IE = -15mA
IC = - 500mA IE = - 50mA
IC = -150mA IE = -15mA
IC = - 500mA IE = - 50mA
IC = -10mAIE = 0
IC = -10mAIE = 0
IC = -10mA
IE = 0
IC = -10mA
IE = 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com