Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1874ARQZ-0.6-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP1874ARQZ-0.6-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1874ARQZ-0.6-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADP1874ARQZ-0.6-R7 Datasheet HTML 1Page - Analog Devices ADP1874ARQZ-0.6-R7 Datasheet HTML 2Page - Analog Devices ADP1874ARQZ-0.6-R7 Datasheet HTML 3Page - Analog Devices ADP1874ARQZ-0.6-R7 Datasheet HTML 4Page - Analog Devices ADP1874ARQZ-0.6-R7 Datasheet HTML 5Page - Analog Devices ADP1874ARQZ-0.6-R7 Datasheet HTML 6Page - Analog Devices ADP1874ARQZ-0.6-R7 Datasheet HTML 7Page - Analog Devices ADP1874ARQZ-0.6-R7 Datasheet HTML 8Page - Analog Devices ADP1874ARQZ-0.6-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
ADP1874/ADP1875
Rev. 0 | Page 3 of 44
SPECIFICATIONS
All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC). VREG = 5 V,
BST − SW = VREG − VRECT_DROP (see Figure 40 to Figure 42). VIN = 12 V. The specifications are valid for TJ = −40°C to +125°C,
unless otherwise specified.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY CHARACTERISTICS
High Input Voltage Range
VIN
CVIN = 22 μF(25 V rating) to PGND (at Pin 1)
ADP1874ARQZ-0.3/ADP1875ARQZ-0.3 (300 kHz)
2.95
12
20
V
ADP1874ARQZ-0.6/ADP1875ARQZ-0.6 (600 kHz)
2.95
12
20
V
ADP1874ARQZ-1.0/ADP1875ARQZ-1.0 (1.0 MHz)
3.25
12
20
V
Quiescent Current
IQ_REG + IQ_BST
FB = 1.5 V, no switching
1.1
mA
Shutdown Current
IREG,SD + IBST,SD
EN < 600 mV
140
225
μA
Undervoltage Lockout
UVLO
Rising VIN (see Figure 35 for temperature variation)
2.65
V
UVLO Hysteresis
Falling VIN from operational state
190
mV
INTERNAL REGULATOR
CHARACTERISTICS
VREG and VREG_IN tied together and should not be
loaded externally because they are intended to only
bias internal circuitry
VREG Operational Output Voltage
VREG
CVREG = 4.7 μF to PGND, 0.22 μF to GND, VIN = 2.95 V to 20 V
ADP1874ARQZ-0.3/ADP1875ARQZ-0.3 (300 kHz)
2.75
5
5.5
V
ADP1874ARQZ-0.6/ADP1875ARQZ-0.6 (600 kHz)
2.75
5
5.5
V
ADP1874ARQZ-1.0/ADP1875ARQZ-1.0 (1.0 MHz)
3.05
5
5.5
V
VREG Output in Regulation
VIN = 7 V, 100 mA
4.82
4.981
5.16
V
VIN = 12 V, 100 mA
4.83
4.982
5.16
V
Load Regulation
0 mA to 100 mA, VIN = 7 V
32
mV
0 mA to 100 mA, VIN = 20 V
34
mV
Line Regulation
VIN = 7 V to 20 V, 20 mA
2.5
mV
VIN = 7 V to 20 V, 100 mA
2
mV
VIN to VREG Dropout Voltage
100 mA out of VREG, VIN ≤ 5 V
300
415
mV
Short VREG to PGND
VIN = 20 V
229
320
mA
SOFT START
Soft Start Period Calculation
Connect external capacitor from SS pin to GND,
CSS = 10 nF/ms
10
nF/ms
ERROR AMPLIFER
FB Regulation Voltage
VFB
TJ = 25°C
600
mV
TJ = −40°C to +85°C
596
600
604
mV
TJ = −40°C to +125°C
594.2
600
605.8
mV
Transconductance
Gm
320
496
670
μS
FB Input Leakage Current
IFB, LEAK
FB = 0.6 V, EN = VREG
1
50
nA
CURRENT-SENSE AMPLIFIER GAIN
Programming Resistor (RES)
Value from RES to PGND
RES = 47 kΩ ± 1%
2.7
3
3.3
V/V
RES = 22 kΩ ± 1%
5.5
6
6.5
V/V
RES = none
11
12
13
V/V
RES = 100 kΩ ± 1%
22
24
26
V/V
SWITCHING FREQUENCY
Typical values measured at 50% time points with
0 nF at DRVH and DRVL; maximum values are
guaranteed by bench evaluation1
ADP1874ARQZ-0.3/
ADP1875ARQZ-0.3 (300 kHz)
300
kHz
On-Time
VIN = 5 V, VOUT = 2 V, TJ = 25°C
1120
1200
1280
ns
Minimum On-Time
VIN = 20 V
145
190
ns
Minimum Off-Time
84% duty cycle (maximum)
340
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com