Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2147ACBZ-110-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2147ACBZ-110-R7
Description  Compact, 800 mA, 3 MHz, Simple DVS, Buck Regulator Input voltage: 2.3 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2147ACBZ-110-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADP2147ACBZ-110-R7 Datasheet HTML 1Page - Analog Devices ADP2147ACBZ-110-R7 Datasheet HTML 2Page - Analog Devices ADP2147ACBZ-110-R7 Datasheet HTML 3Page - Analog Devices ADP2147ACBZ-110-R7 Datasheet HTML 4Page - Analog Devices ADP2147ACBZ-110-R7 Datasheet HTML 5Page - Analog Devices ADP2147ACBZ-110-R7 Datasheet HTML 6Page - Analog Devices ADP2147ACBZ-110-R7 Datasheet HTML 7Page - Analog Devices ADP2147ACBZ-110-R7 Datasheet HTML 8Page - Analog Devices ADP2147ACBZ-110-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ADP2147
Rev. 0 | Page 2 of 16
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Typical Applications Circuit............................................................ 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Input and Output Capacitor, Recommended
Specifications ................................................................................ 3
 
Absolute Maximum Ratings............................................................ 4
 
Thermal Data ................................................................................ 4
 
Thermal Resistance ...................................................................... 4
 
ESD Caution.................................................................................. 4
 
Pin Configuration and Function Descriptions............................. 5
 
Typical Performance Characteristics ............................................. 6
 
Theory of Operation ...................................................................... 11
 
Control Scheme .......................................................................... 11
 
PWM Mode................................................................................. 11
 
Power Save Mode........................................................................ 11
 
Enable/Shutdown ....................................................................... 11
 
Simple Dynamic Voltage Scaling (DVS) ................................. 12
 
Short-Circuit Protection............................................................ 12
 
Undervoltage Lockout ............................................................... 12
 
Thermal Protection.................................................................... 12
 
Soft Start ...................................................................................... 12
 
Current Limit .............................................................................. 12
 
100% Duty Operation................................................................ 12
 
Applications Information .............................................................. 13
 
External Component Selection ................................................ 13
 
Thermal Considerations............................................................ 14
 
PCB Layout Guidelines.............................................................. 14
 
Evaluation Board ............................................................................ 15
 
Evaluation Board Layout........................................................... 15
 
Outline Dimensions ....................................................................... 16
 
Ordering Guide .......................................................................... 16
 
REVISION HISTORY
5/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com