Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP2147ACBZ-150-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP2147ACBZ-150-R7
Description  Compact, 800 mA, 3 MHz, Simple DVS, Buck Regulator Input voltage: 2.3 V to 5.5 V
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2147ACBZ-150-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP2147ACBZ-150-R7 Datasheet HTML 8Page - Analog Devices ADP2147ACBZ-150-R7 Datasheet HTML 9Page - Analog Devices ADP2147ACBZ-150-R7 Datasheet HTML 10Page - Analog Devices ADP2147ACBZ-150-R7 Datasheet HTML 11Page - Analog Devices ADP2147ACBZ-150-R7 Datasheet HTML 12Page - Analog Devices ADP2147ACBZ-150-R7 Datasheet HTML 13Page - Analog Devices ADP2147ACBZ-150-R7 Datasheet HTML 14Page - Analog Devices ADP2147ACBZ-150-R7 Datasheet HTML 15Page - Analog Devices ADP2147ACBZ-150-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
ADP2147
Rev. 0 | Page 15 of 16
EVALUATION BOARD
VIN
VIN
GND
TB1
TB3
TB4
TB5
B1
2
1
C2
A1
C1
A2
B2
EN
VIN
VOUT
GND OUT
GND IN
VIN
GND
SW
EN
VSEL
VOUT
COUT
4.7µF
CIN
4.7µF
L1
1µH
U1
ADP2147
VIN GND
CONN PWR 2-P
J6
VIN
2
1
3
2
1
3
2
1
JP3
ENABLE
3
2
1
3
2
1
JP2
VSEL
Figure 35. Evaluation Board Schematic
EVALUATION BOARD LAYOUT
Figure 36. Top Layer
Figure 37. Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com