Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6702 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6702
Description  1550 MHz to 2650 MHz Quadrature Modulator with 2100 MHz to 2600 MHz Frac-N PLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6702 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6702 Datasheet HTML 9Page - Analog Devices ADRF6702 Datasheet HTML 10Page - Analog Devices ADRF6702 Datasheet HTML 11Page - Analog Devices ADRF6702 Datasheet HTML 12Page - Analog Devices ADRF6702 Datasheet HTML 13Page - Analog Devices ADRF6702 Datasheet HTML 14Page - Analog Devices ADRF6702 Datasheet HTML 15Page - Analog Devices ADRF6702 Datasheet HTML 16Page - Analog Devices ADRF6702 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
ADRF6703
Rev. 0 | Page 13 of 36
–120
–110
–100
–90
–80
–70
2100
2200
2300
2400
2500
2150
2250
2350
2450
2550 2600
LO FREQUENCY (MHz)
2 × PFD FREQUENCY
4 × PFD FREQUENCY
TA = –40°C
TA = +25°C
TA = +85°C
Figure 22. PLL Reference Spurs vs. LO Frequency (2× PFD and 4× PFD) at
Modulator Output
–120
–110
–100
–90
–80
–70
–115
–105
–95
–85
–75
2100
2200
2300
2400
2500
2150
2250
2350
2450
2550 2600
LO FREQUENCY (MHz)
1 × PFD FREQUENCY
3 × PFD FREQUENCY
TA = –40°C
TA = +25°C
TA = +85°C
0.5 × PFD FREQUENCY
Figure 23. PLL Reference Spurs vs. LO Frequency (0.5× PFD, 1× PFD,
and 3× PFD) at Modulator Output
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
2100 2150 2200 2250 2300 2350 2400 2450 2500 2550 2600
LO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 24. VTUNE vs. LO Frequency and Temperature
–120
–110
–100
–90
–80
–70
–115
–105
–95
–85
–75
2100
2200
2300
2400
2500
2150
2250
2350
2450
2550 2600
LO FREQUENCY (MHz)
2 × PFD FREQUENCY
4 × PFD FREQUENCY
TA = –40°C
TA = +25°C
TA = +85°C
Figure 25. PLL Reference Spurs vs. LO Frequency (2× PFD and 4× PFD) at LO
Output
–120
–110
–100
–90
–80
–70
–115
–105
–95
–85
–75
2100
2200
2300
2400
2500
2150
2250
2350
2450
2550 2600
LO FREQUENCY (MHz)
3 × PFD FREQUENCY
0.5 ×, 2 × PFD FREQUENCY
TA = –40°C
TA = +25°C
TA = +85°C
Figure 26. PLL Reference Spurs vs. LO Frequency (0.5× PFD, 2× PFD, and
3× PFD) at LO Output
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LO = 2594.13MHz
LO = 2306.26MHz
LO = 2138.95MHz
Figure 27. Open-Loop VCO Phase Noise at 2138.95 MHz, 2306.26 MHz, and
2594.13 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com