Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE8262-2E Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE8262-2E
Description  Universal System Basis Chip
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262-2E Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE8262-2E Datasheet HTML 17Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 18Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 19Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 20Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 21Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 22Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 23Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 24Page - Infineon Technologies AG TLE8262-2E Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
Data Sheet
21
Rev. 1.0, 2009-05-26
TLE8262-2E
Internal Voltage Regulator
6
Internal Voltage Regulator
6.1
Block Description
Figure 4
Functional Block Diagram
The internal voltage regulators are dual low-drop voltage regulators that can supply loads up to
I
CC1µC/2_max. An
input voltage up to VSMAX is regulated to Vcc1µC/2_nom = 5.0 V with a precision of ±2%. Due to its integrated reset
circuitry, featuring two SPI configurable power-on timing (tRDx) and three SPI configurable output voltages (VRTx)
monitoring, the device is well suited for microcontroller supply. The design enables stable operation even with
ceramic output capacitors down to 470nF, with ESR < 1
Ω @ f = 10 kHz. The device is designed for automotive
applications, therefore it is protected against overload, short circuit, and overtemperature conditions. Figure 4
shows the functional block diagram. If the VS voltage is lower than VUV_OFF, the DMOS of the voltage regulator is
switched to high impedance. The body diodes of the DMOS might go into conduction when
V
CC1µC or VCC2 > VS
(no reverse protection).
6.2
Internal Voltage Regulator Modes
It is possible to turn
V
cc1µC via SBC Modes and Vcc2 activity ON or OFF via SPI command or by entering SBC
modes. The limiting current for the both regulators is
I
CC1µC_max/ICC2.
6.3
Internal Voltage Regulator Modes with SBC Mode
Depending on the SBC Mode in use,
V
cc1µC and Vcc2 can be either ON or OFF by definition, Vcc2 can be also turned
ON or OFF, via SPI. Table 3 identifies the possible states of the voltage regulators, based on the various SBC
modes.
GND
INTERNA L RE GULA TOR DIA GRA M. V S D
Overtemperature
Shutdown
1
Bandgap
Reference
Charge
Pump
Vs
State
Machine
VCC2
INH
Vref
1
Vref
VCC1µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com