Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM-8 Datasheet(PDF) 1 Page - Analog Devices

Part # RM-8
Description  8-Lead Mini Small Outline Package [MSOP] Dimensions shown in millimeters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

RM-8 Datasheet(HTML) 1 Page - Analog Devices

  RM-8 Datasheet HTML 1Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
a
8-Lead Mini Small Outline Package [MSOP]
(RM-8)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS MO-187-AA
0.80
0.60
0.40
8°
0°
4
8
1
5
PIN 1
0.65 BSC
SEATING
PLANE
0.38
0.22
1.10 MAX
3.20
3.00
2.80
COPLANARITY
0.10
0.23
0.08
3.20
3.00
2.80
5.15
4.90
4.65
0.15
0.00
0.95
0.85
0.75


Similar Part No. - RM-8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
RM-8 AD-RM-8 Datasheet
1Mb / 24P
10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
logo
TE Connectivity Ltd
RM-8 TEC-RM-8 Datasheet
293Kb / 3P
Chassis or DIN rail mount
logo
Siemens Semiconductor G...
RM-81B SIEMENS-RM-81B Datasheet
54Kb / 1P
mask-diffused gaasp monolithic led
RM-85D SIEMENS-RM-85D Datasheet
55Kb / 1P
mask-diffused gaasp monolithic led
logo
Sony Corporation
RM-883 SONY-RM-883 Datasheet
6Mb / 61P
SERVICE MANUAL
More results

Similar Description - RM-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TO247 ETC-TO247 Datasheet
39Kb / 2P
HEXFET TO-247AC Outline Dimensions are shown in millimeters (inches)
logo
STMicroelectronics
SSOP24 STMICROELECTRONICS-SSOP24 Datasheet
59Kb / 4P
24-LEAD SHRINK SMALL OUTLINE PACKAGE
Nov-2002
MINISO-8 STMICROELECTRONICS-MINISO-8 Datasheet
55Kb / 5P
8-LEAD MINI SMALL OUTLINE
Mar-2003
SO-8 STMICROELECTRONICS-SO-8 Datasheet
56Kb / 5P
8-LEAD SMALL OUTLINE PACKAGE
Feb-2005
logo
Analog Devices
RQ-16 AD-RQ-16 Datasheet
60Kb / 1P
16-Lead Shrink Small Outline Package [QSOP] Dimensions shown in inches
CB-9-1 AD-CB-9-1 Datasheet
91Kb / 1P
9-Ball Wafer Level Chip Scale Package [WLCSP] Dimensions shown in millimeters
ML-24-5 AD-ML-24-5 Datasheet
163Kb / 1P
24-Lead Module with Connector Interface. Dimensions shown in millimeters.
R-8 AD-R-8 Datasheet
153Kb / 1P
8-Lead Standard Small Outline Package [SOIC_N] Narrow Body Dimensions
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300 ACCUTEK-AK08D300_12 Datasheet
68Kb / 2P
Micro Small Outline Package MSOP DIP Adapters
logo
Analog Devices
SSM2375CBZ AD-SSM2375CBZ Datasheet
39Kb / 1P
Dimensions shown in millimeters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com