Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL52 Datasheet(PDF) 2 Page - Seme LAB

Part # BUL52
Description  ADVANCED DISTRIBUTED BASE DESIGN HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUL52 Datasheet(HTML) 2 Page - Seme LAB

  BUL52 Datasheet HTML 1Page - Seme LAB BUL52 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BUL52B
LAB
SEME
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCEO(sus)
V(BR)CBO
V(BR)EBO
ICBO
ICEO
IEBO
hFE*
VCE(sat)*
VBE(sat)*
ft
Cob
Collector – Emitter Sustaining Voltage
Collector – Base Breakdown Voltage
Emitter – Base Breakdown Voltage
Collector – Base Cut–Off Current
Collector – Emitter Cut–Off Current
Emitter Cut–Off Current
DC Current Gain
Collector – Emitter Saturation Voltage
Base – Emitter Saturation Voltage
Transition Frequency
Output Capacitance
400
800
10
10
100
100
10
100
20
30
15
25
45
10
15
5
0.05
0.1
0.1
0.2
0.15
0.3
0.3
0.5
0.8
1.0
0.9
1.1
0.95
1.2
20
40
V
µA
µA
µA
—
V
V
MHz
pF
IC = 10mA
IC = 1mA
IE = 1mA
VCB = 800V
TC = 125°C
IB = 0
VCE = 400V
VEB = 9V
IC = 0
TC = 125°C
IC = 100mA
VCE = 5V
IC = 1A
VCE = 5V
IC = 3A
VCE = 1V
TC = 125°C
IC = 100mA
IB = 20mA
IC = 1A
IB = 0.2A
IC = 2A
IB = 0.4A
IC = 3A
IB = 0.6A
IC = 1A
IB = 0.2A
IC = 2A
IB = 0.4A
IC = 3A
IB = 0.6A
IC = 0.2A
VCE = 4V
VCB = 20V
f = 1MHz
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
* Pulse test tp = 300µs , δ < 2%
ELECTRICAL CHARACTERISTICS
DYNAMIC CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com