Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUV20 Datasheet(PDF) 2 Page - Seme LAB

Part # BUV20
Description  NPN MULTI - EPITAXIAL POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUV20 Datasheet(HTML) 2 Page - Seme LAB

  BUV20 Datasheet HTML 1Page - Seme LAB BUV20 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V
mA
—
MHz
ms
BUV20
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
prelim. 5/00
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IC = 250mA
IB = 0
L = 25mH
IE = 50mA
IC = 25A
VCE = 2.5A
IC = 50A
IB = 5A
IC = 50A
IB =5A
VCE = 100V
IB =0
VCE = VCEX
VBE = –1.5V
TC = 125°C
IC = 0
VEB = 5V
VCE = 2V
IC = 25A
VCE = 4V
IC = 50A
IC = 2A VCE = 15V f = 100MHz
IC = 50A
IB =5A
IC = 50A
IB1 =-IB2 =5A
IC = 50A
IB1 =-IB2 =5A
Collector - Emitter Sustaining
Voltage
Emitter – BaseVoltage
Collector Emitter Saturation
Voltage
Base Emitter Saturation
Voltage
Collector Cut-off Current
Collector Cut-off Current
Emitter Cut-off Current
DC Current Gain
Transition Frequency
Turn–On Time
Storage Time
Fall Time
125
7
0.3
0.6
0.7
1.2
1.4
2
3
3
12
1
20
60
10
8
1.5
1.2
0.3
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
RqJCThermal Resistance Junction to Case
0.7
°C/W
VCEO(sus)*
V(BR)EBO
VCE(sat)*
VBE(sat)*
ICEO
ICEX
IEBO
hFE*
fT
ton
ts
tr
NOTES
* Pulse Test: tp = 300ms, d£ 2%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com