Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPB5035G Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPB5035G
Description  Home Phone Networking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPB5035G Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPB5035G Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Home Phone Networking
Analog Magnetics Module
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Designed to meet UL/IEC950
• Supports TUT Systems HPN Architecture
• Optimized for AMD79C978, Conexantt CN7221
and National DP83851 Chips
• Add “-RC” after part number for RoHS Compliant
• Robust construction allows for reflow processes
• Operating Temperature : -40°C to +85°C
• Storage Temperature : -40°C to +125°C
EPB5035G & EPB5035G-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSB5035G & -RC
Rev. A8
10/24/07 JDG
• Filter Characteristics Impedance : 100
Ω • Isolation : 1500 Vrms •
Insertion Loss
(dB Max.)
-1.5
500KHz - 3MHz
Attenuation
(dB Min.)
@ 35 MHz
-25
@ 15 MHz
-45
@ 6 MHz
-55
Return Loss
(dB Min.)
-15
500KHz - 3MHz
Cut-off Frequency
3.25
Upper Band MHz
Lower Band KHz
50
Schematic
1:1
13 RING
14 TIP
BPF
Gnd 3
1+
2-
Sidactor
Package
Notes :
1. Lead Finish
2. Peak Temperature Rating
3. Moisture Sensitive Levels
4. Weight
5. Packaging Information
(Tube)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPB5035G-RC
245°C
3.7 grams
20 pieces/tube
350 pieces/13” reel
EPB5035G
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
3.7 grams
20 pieces/tube
350 pieces/13” reel
SnPb
Hot Tin Dip (Sn)
.035
(.889)
.600
(15.24)
.008/.012
(.203/.305)
0°-8°
1.00
(25.40)
.480
(12.19)
PCA
EPB5035G(-RC)
Date Code
Pin 1
I.D.
.200
(5.08)
.600
(15.24)
.010/.015
(.254/.381)
.016/.022
(.406/.559)
.100
(2.54)
.260 (6.60)
.100
(2.54)
.092
(2.34)
.030
(.762)
Pad
Layout
.670
(17.02)
Cable Side
Chip Side
.001 µF
2000 V


Similar Part No. - EPB5035G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5035G PCA-EPB5035G Datasheet
26Kb / 1P
Home Phone Networking Analog Magnetics Module
EPB5035GM PCA-EPB5035GM Datasheet
29Kb / 1P
Home Phone Networking Analog Magnetics Module
More results

Similar Description - EPB5035G

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPB5047AS PCA-EPB5047AS Datasheet
29Kb / 1P
Home Phone Networking Magnetic Module
EPB5047S PCA-EPB5047S Datasheet
27Kb / 1P
Home Phone Networking Magnetic Module
EPB5211G PCA-EPB5211G Datasheet
39Kb / 1P
Home Phone Networking Transformer
EPB5212S PCA-EPB5212S Datasheet
39Kb / 1P
Home Phone Networking Transformer
logo
XFMRS Inc.
XF6005 XFMRS-XF6005 Datasheet
119Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
XF6006 XFMRS-XF6006 Datasheet
122Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
logo
Bothhand USA, LP.
HR002A BOTHHAND-HR002A Datasheet
263Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
logo
XFMRS Inc.
XF6004 XFMRS-XF6004 Datasheet
115Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
XF6005 XFMRS-XF6005 Datasheet
119Kb / 1P
HOME PHONE NETWORKING BANDPASS FILTER
logo
Pulse A Technitrol Comp...
B891 PULSE-B891 Datasheet
460Kb / 1P
Home Phone Networking Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com