Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX98 Datasheet(PDF) 2 Page - Seme LAB

Part # BUX98
Description  HIGH VOLTAGE FAST SWITCHING
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUX98 Datasheet(HTML) 2 Page - Seme LAB

  BUX98 Datasheet HTML 1Page - Seme LAB BUX98 Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCEO(sus)*
VCER(sus)*
VCE(sat)*
ICER
ICES
ICEO
IEBO
ton
ts
tf
ton
ts
tf
Prelim.9/00
BUX98A
BUX98A
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IC = 200mA
IC = 1A
L = 2mH
IC = 20A
IB = 4A
IC = 16A
IB = 3.2A
IC = 24A
IB = 5A
IC = 20A
IB = 4A
IC = 16A
IB = 3.2A
VCE = VCES
RBE = 10W
Tcase = 125°C
VCE = VCES
VBE = 0
Tcase = 125°C
VCES = VCEO
IC = 0
VEB = 5V
IC = 0
VCC = 150V
IC = 20A
IB1 = IB2 = 4A
VCC = 150V
IC = 16A
IB1 = IB2 = 3.2A
Collector - Emitter
Sustaining Voltage
Collector - Emitter
Sustaining Voltage
Collector – Emitter
Saturation Voltage
Collector Cutoff Current
Collector Cutoff Current
Collector Cutoff Current
Emitter Cutoff Current
Turn–On Time
Storage Time
Fall Time
Turn–On Time
Storage Time
Fall Time
400
450
850
1000
1.5
1.5
5
1.6
1.6
1
8
400
4
2
2
1
3
0.8
1
3
0.8
V
mA
mA
mA
mA
mA
mA
mA
mA
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
Rth j-case
Thermal Resistance Junction to Case
0.7max °C/W
BUX98
BUX98A
BUX98
BUX98A
BUX98
BUX98A
BUX98
BUX98A
BUX98
BUX98A
* Pulsed: Pulse duration
= 300ms,duty cycle =1.5%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com