Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX55C Datasheet(PDF) 1 Page - Seme LAB

Part # BZX55C
Description  VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BZX55C Datasheet(HTML) 1 Page - Seme LAB

  BZX55C Datasheet HTML 1Page - Seme LAB BZX55C Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BZX55C Series
Semelab plc. Telephone (01455) 556565. Telex: 341927. Fax (01455) 552612.
Prelim. 3/95
PTOT
Power Dissipation
TMB = 25°C
Derate above 25°C
TOP
Maximum Operating Ambient Temperature
TSTG
Storage Temperature Range
TSOL
Soldering Temperature
(5 seconds max.)
RθJA
Thermal Resistance Junction to Ambient
RθJ–MB
Thermal Resistance Junction to Mounting Base
500mW
4mW/°C
–55 to +150°C
–65 to +175°C
260°C
336°C/W
140°C/W
MECHANICAL DATA
Dimensions in mm(inches)
21
0.51 ± 0.10
(0.02 ± 0.004)
0.31
(0.012)
1.91 ± 0.10
(0.075 ± 0.004)
3.05 ± 0.13
(0.12 ± 0.005)
1.02 ± 0.10
(0.04 ± 0.004)
1.40
(0.055)
max.
A
0.31
(0.012)
rad.
rad.
A =
3
VOLTAGE REGULATOR
DIODE IN A
CERAMIC SURFACE MOUNT
PACKAGE
FOR HI–REL APPLICATIONS
FEATURES
• HERMETIC CERAMIC SURFACE MOUNT
PACKAGE (SOT23 COMPATIBLE)
• VOLTAGE RANGE 2.4 TO 75V
SOT23 CERAMIC
(LCC1 PACKAGE)
ABSOLUTE MAXIMUM RATINGS
Pad 1 – Anode
Pad 2 – N/C
Pad 3 – Cathode
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VZ
Zener Voltage
IR
Reverse Current
ZZ
Small Signal Breakdown Impedance
ZZ
Small Signal Breakdown Impedance
near breakdown knee
For VZ nom. ≤ 36V, IZ = 5mA
For VZ nom. ≥ 39V, IZ = 2.5mA
VR = VR test
VR = VR test
TAMB = 150°C
IZ = IZ test
For VZ nom. ≤ 36V, IZK = 1mA
For VZ nom. ≥ 39V, IZK = 0.5mA
VZ min. VZ nom. VZ max.
IR max.
IR max(2)
ZZ max.
ZK max.
V
µA
Ω
Ω
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise stated)
See table 1 for type variants and test parameters.
Underside View


Similar Part No. - BZX55C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C VISHAY-BZX55C Datasheet
70Kb / 6P
Silicon Epitaxial Planar Z-Diodes
01-Apr-99
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
Series Half Watt Zeners
logo
Formosa MS
BZX55C FORMOSA-BZX55C Datasheet
127Kb / 5P
Zener diode
logo
Taiwan Semiconductor Co...
BZX55C TSC-BZX55C Datasheet
73Kb / 3P
500mW Zener Diode
logo
Yangzhou yangjie electr...
BZX55C YANGJIE-BZX55C Datasheet
61Kb / 4P
Zener diode
More results

Similar Description - BZX55C

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5221B-LCC3 SEME-LAB-1N5221B-LCC3 Datasheet
15Kb / 2P
ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
1N5711CSM SEME-LAB-1N5711CSM Datasheet
12Kb / 1P
SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BAT54CSM SEME-LAB-BAT54CSM Datasheet
18Kb / 2P
SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
BYV143-40M SEME-LAB-BYV143-40M Datasheet
17Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS
IP78M00A-LCC4 SEME-LAB-IP78M00A-LCC4 Datasheet
24Kb / 4P
0.5 AMP POSITIVE VOLTAGE REGULATOR IN A CERAMIC SURFACE MOUNT PACKAGE
LM136CSM4-5V SEME-LAB-LM136CSM4-5V Datasheet
13Kb / 1P
PRECISION 5V SHUNT REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE
SB16-100M-SMD SEME-LAB-SB16-100M-SMD Datasheet
19Kb / 2P
DUAL SCHOTTKY BARRIER DIODE IN A SMD1 CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
BZX79C SEME-LAB-BZX79C Datasheet
21Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT
BZX55C SEME-LAB-BZX55C_08 Datasheet
40Kb / 2P
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI?밨EL APPLICATIONS
SML09GB22U2 SEME-LAB-SML09GB22U2 Datasheet
71Kb / 2P
SCHOTTKY DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com