Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1165 Datasheet(PDF) 95 Page - Infineon Technologies AG

Part # TC1165
Description  32-Bit Single-Chip Microcontroller TriCore
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1165 Datasheet(HTML) 95 Page - Infineon Technologies AG

Back Button TC1165 Datasheet HTML 91Page - Infineon Technologies AG TC1165 Datasheet HTML 92Page - Infineon Technologies AG TC1165 Datasheet HTML 93Page - Infineon Technologies AG TC1165 Datasheet HTML 94Page - Infineon Technologies AG TC1165 Datasheet HTML 95Page - Infineon Technologies AG TC1165 Datasheet HTML 96Page - Infineon Technologies AG TC1165 Datasheet HTML 97Page - Infineon Technologies AG TC1165 Datasheet HTML 98Page - Infineon Technologies AG TC1165 Datasheet HTML 99Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 133 page
background image
TC1165/TC1166
Electrical Parameters
Preliminary
Data Sheet
91
V1.0, 2008-04
4.2
DC Parameters
The electrical characteristics of the DC Parameters are detailed in this section.
4.2.1
Input/Output Pins
Table 4-5 provides the characteristics of the input/output pins of the TC1165/TC1166.
Table 4-5
Input/Output DC-Characteristics (Operating Conditions apply)
Parameter
Symbol
Limit Values
Unit Test Conditions
Min.
Max.
General Parameters
Pull-up current
1)
|
I
PUH|CC
10
100
µA
V
IN < VIHAmin;
class A1/A2/Input pads.
20
200
µA
V
IN < VIHAmin;
class A3/A4 pads.
Pull-down
current
1)
|
I
PDL|CC
10
150
µA
V
IN > VILAmax;
class A1/A2/Input pads.
20
200
µA
V
IN > VILAmax;
class A3/A4 pads.
Pin capacitance
1)
(Digital I/O)
C
IO
CC
–
10
pF
f = 1 MHz
T
A = 25 °C
Input only Pads (
V
DDP = 3.13 to 3.47 V = 3.3V ±5%)
Input low voltage
class A1/A2 pins
V
ILA
SR
-0.3
0.34
×
V
DDP
V–
Input high voltage
class A1/A2 pins
V
IHA
SR
0.64
×
V
DDP
V
DDP+
0.3 or
max. 3.6
V
Whatever is lower
Ratio
V
IL/VIH
CC
0.53
–
–
–
Input low voltage
class A3 pins
V
ILA3
SR
–
0.8
V
–
Input high voltage
class A3 pins
V
IHA3
SR
2.0
–
V
–
Input hysteresis
HYSA CC
0.1
×
V
DDP
–V
2)5)
Input leakage
current
I
OZI
CC
–
±3000
±6000
nA
((
V
DDP/2)-1) < VIN
< ((
V
DDP/2)+1)
otherwise
3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com