Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002T Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2N7002T
Description  N-Channel Enhancement MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2N7002T Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2N7002T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2N7002T Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2N7002T Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N7002T
N-Channel Enhancement MOSFET
Elektronische Bauelemente
10-Jun-2010 Rev. B
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
CHARACTERISTICS
SYMBOL MIN TYP MAX UNIT
TEST CONDITIONS
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
V
VGS = 0V, ID = 10μA
Gate Threshold Voltage
VGS(th)
1
-
2.5
V
VDS= VGS, ID= 250μA
Gate-Body Leakage
IGSS
-
-
±80
nA
VDS= 0V, VGS= ±25V
Zero Gate Voltage Drain Current
IDSS
-
-
80
nA
VDS = 60V, VGS= 0V
On-State Drain Current
ID(ON)
500
-
-
mA
VGS = 10V, VDS = 7V
Drain-Source On Resistance
RDS(ON)
1
-
7.5
Ω
VGS= 10V, ID = 500mA
1
-
7.5
VGS= 5V, ID = 50mA
Forward transfer admittance
gfs
80
-
500
mS
VDS= 10V, ID = 200mA
Drain-Source On Voltage
VDS(ON)
0.5
-
3.75
V
VGS = 10V, ID = 500mA
0.05
-
0.375
VGS = 5V, ID = 50mA
Diode Forward Voltage
VSD
0.55
-
1.2
V
IS= 115mA, VGS= 0V
Input Capacitance
Ciss
-
-
50
pF
VDS= 25V, VGS= 0V, f= 1MHz
Output Capacitance
Coss
-
-
25
Reverse Transfer Capacitance
Crss
-
-
5
SWITCHING TIME
Turn-On Time
Td(ON)
-
-
20
nS
VGEN= 10V, VDD= 25V,
ID= 500mA, RG= 25Ω,
RL= 50Ω
Turn-Off Time
Td(OFF)
-
-
40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com