Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA684 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA684
Description  PNP Plastic Encapsulated Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA684 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA684 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SA684 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SA684 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SA684
-1A , -60V
PNP Plastic Encapsulated Transistor
21-Jan-2011 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Automatic insertion by radial taping possible.
Complementary pair with 2SC1384L.
CLASSIFICATION OF hFE
Product-Rank
2SA684-Q
2SA684-R
2SA684-S
Range
85~170
120~240
170~340
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-1
A
Collector Power Dissipation
PC
1
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-Base Breakdown Voltage
V(BR)CBO
-60
-
-
V
IC= -10µA, IE=0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-50
-
-
V
IC= -2mA, IB=0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE= -10µA, IC=0
Collector Cut-off Current
ICBO
-
-
-0.1
µ
A
VCB= -20V, IE=0
hFE (1)
85
340
VCE= -10V, IC= -500mA
DC Current Gain
hFE (2)
50
-
-
VCE= -5V, IC= -1A
Collector to Emitter Saturation Voltage
VCE(sat)
-
-0.2
-0.4
V
IC = -500mA, IB = -50mA
Base-Emitter Voltage
VBE(sat)
-
-0.85
-1.2
V
IC = -500mA, IB = -50mA
Transition Frequency
fT
-
200
-
MHz
VCE= -10V, IE=50mA , f=200MHz
Collector Output Capacitance
COb
-
20
30
pF
VCB= -10V, IE=0, f=1MHz
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
A
C
E
F
D
B
G
H
J
K
Millimeter
REF.
Min.
Max.
A
4.70
5.10
B
7.80
8.20
C
13.80
14.20
D
3.70
4.10
E
0.35
0.55
F
0.35
0.45
G
1.27 TYP.
H
1.28
1.58
J
2.44
2.64
K
0.60
0.80
TO-92L


Similar Part No. - 2SA684

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA684 PANASONIC-2SA684 Datasheet
47Kb / 3P
Silicon PNP epitaxial planer type
2SA684 PANASONIC-2SA684 Datasheet
99Kb / 4P
Silicon PNP epitaxial planar type
logo
Unisonic Technologies
2SA684 UTC-2SA684 Datasheet
68Kb / 2P
PNP EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
2SA684 ETC-2SA684 Datasheet
50Kb / 1P
SI PNP EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
2SA684 SECOS-2SA684 Datasheet
236Kb / 3P
PNP Transistor
More results

Similar Description - 2SA684

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com