Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4906-2K Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4906-2K
Description  High Precision Hall-Effect Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4906-2K Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4906-2K Datasheet HTML 8Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 9Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 10Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 11Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 12Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 13Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 14Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 15Page - Infineon Technologies AG TLE4906-2K Datasheet HTML 16Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Datasheet
11
Rev 1.0, 2010-12
TLE4906-2K
Specification
Note: Typical characteristics specify mean values expected over the production spread
Field Direction Definition
Positive magnetic fields are defined with the south pole of the magnet to the branded side of package.
Figure 6
Definition of magnetic field direction
Table 6
Magnetic Characteristics1)
1) over operating range, unless otherwise specified. Typical values correspond to VDD = 12V and TA = 25°C.
Parameter
Symbol
Tj[°C]
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Operating point
BOP
-40
25
150
13.5
12.5
10.4
19.4
18.0
15.3
25.3
23.5
20.2
mT
Release point
BRP
-40
25
150
9.1
8.4
6.9
13.5
12.5
10.6
17.9
16.6
14.3
mT
Hysteresis
BHYS
-40
25
150
4.4
4.1
3.5
5.9
5.5
4.7
7.4
6.9
5.9
mT
Temperature compensation
of magnetic thresholds
TC
-
-1200
-
ppm/°C
Repeatability of magnetic
thresholds2)
2) BREP is equivalent to the noise constant
BREP
-20
-
µTRMS
typ. value for
ΔB/Δt > 12mT/ms
Branded Side
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com