Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1213 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1213
Description  General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1213 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1213 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1213 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC1213, 2SC1213A
NPN
General Purpose Transistor
21-Jan-2011 Rev. D
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
Low frequency amplifier
Complementary pair with 2SA673 and 2SA673A
CLASSIFICATION OF hFE(1)
Product-Rank
2SC1213-B
2SC1213-C
2SC1213-D
Product-Rank
2SC1213A-B
2SC1213A-C
2SC1213A-D
Range
60~120
100~200
160~320
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
2SC1213
35
Collector to Base Voltage
2SC1213A
VCBO
50
V
2SC1213
35
Collector to Emitter Voltage
2SC1213A
VCEO
50
V
Emitter to Base Voltage
VEBO
4
V
Continuous Collector Current
IC
500
mA
Collector Power Dissipation
PC
400
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
2SC1213
35
-
-
Collector to Base Breakdown
Voltage
2SC1213A
V(BR)CBO
50
-
-
V
IC=10µA, IE=0
2SC1213
35
-
-
Collector to Emitter
Breakdown Voltage
2SC1213A
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
4
-
-
V
IE=10µA, IC=0
Collector Cut - Off Current
ICBO
-
-
0.5
µ
A
VCB=20V, IE=0
hFE (1)
60
-
320
VCE=3V, IC=10mA
DC Current Gain
hFE (2)
10
-
-
VCE=3V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.6
V
IC=150mA, IB=15mA
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
2
Base
1
Emitter
Collector
3


Similar Part No. - 2SC1213

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
Silicon NPN Epitaxial
logo
TRANSYS Electronics Lim...
2SC1213 TEL-2SC1213 Datasheet
66Kb / 1P
Plastic-Encapsulated Transistors
logo
Renesas Technology Corp
2SC1213 RENESAS-2SC1213 Datasheet
154Kb / 5P
Silicon NPN Epitaxial
logo
Dc Components
2SC1213 DCCOM-2SC1213 Datasheet
215Kb / 1P
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
NPN Silicon General Purpose Transistor
More results

Similar Description - 2SC1213

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com