Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1654 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1654
Description  NPN Epitaxial Planar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1654 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1654 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1654 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1654 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC1654
0.05A , 180V
NPN Epitaxial Planar Transistor
Elektronische Bauelemente
18-Feb-2011 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
High Frequency Power Amplifier Application
Power Switching Applications
CLASSIFICATION OF hFE(1)
Product-Rank
2SC1654-N5
2SC1654-N6
2SC1654-N7
Range
90~180
135~270
200~400
Marking Code
N5
N6
N7
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
180
V
Collector to Emitter Voltage
VCEO
160
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
PC
150
mW
Thermal Resistance From Junction To Ambient
RθJA
833
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
180
-
-
V
IC=100μA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
160
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=100μA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
μA
VCB=130V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
μA
VEB=5V, IC=0
DC Current Gain
hFE(1)
90
-
400
VCE=3V, IC=15mA
hFE(2)
70
-
-
VCE=3V, IC=1mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=50mA, IB=5mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1
V
IC=50mA, IB=5mA
Transition Frequency
fT
-
120
-
MHz
VCE=10V, IC=10mA
Collector Output Capacitance
Cob
-
2.3
-
pF
VCB=10V, IE=0, f=1MHz
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - 2SC1654

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1654 NEC-2SC1654 Datasheet
163Kb / 4P
DISPLAY TUBE DRIVE ,HIGH VOLTAGE SWITCHING NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Galaxy Semi-Conductor H...
2SC1654 BILIN-2SC1654 Datasheet
303Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC1654 KEXIN-2SC1654 Datasheet
169Kb / 3P
NPN Silicon Epitaxial Transistor
logo
Shenzhen Jin Yu Semicon...
2SC1654 HTSEMI-2SC1654 Datasheet
458Kb / 1P
TRANSISTOR(NPN)
logo
Galaxy Semi-Conductor H...
2SC1654 BILIN-2SC1654 Datasheet
266Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
More results

Similar Description - 2SC1654

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3542T KEC-KTC3542T Datasheet
90Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
2SD1609 UTC-2SD1609 Datasheet
85Kb / 4P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
List of Unclassifed Man...
GMBT5551 ETC2-GMBT5551 Datasheet
175Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GMBTA42 ETC2-GMBTA42 Datasheet
194Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
GTM CORPORATION
GBC847 GTM-GBC847 Datasheet
236Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GBC848 GTM-GBC848 Datasheet
221Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GESD1060 GTM-GESD1060 Datasheet
424Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
GI41C GTM-GI41C Datasheet
150Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
GI122 GTM-GI122 Datasheet
161Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com