Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4998P4 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4998P4
Description  Programmable Linear Hall Sensor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998P4 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4998P4 Datasheet HTML 17Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 18Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 19Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 20Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 21Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 22Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 23Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 24Page - Infineon Technologies AG TLE4998P4 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
TLE4998P
Signal Processing
Data Sheet
21
V 1.0, 2008-07
6.5
Clamping
The clamping function is useful for splitting the output voltage range into operating range
and error ranges. If the magnetic field is outside the selected measurement range, the
output value
OUT is limited to the clamping values.
The clamping values are calculated by:
Clamping duty cycle low (deactivated if CL=0):
Clamping duty cycle high (deactivated if CH=127):
Table 13
Clamping
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
Register size
CL,CH
2 x 7
bit
Clamping duty cy. low
CYCLPWM
0
100
%
1)
1) For CL = 0 and CH = 127 the clamping function is disabled
Clamping duty cy. high
CYCHPWM
0
100
%
1) 2)
2) CY
CLPWM< CYCHPWM mandatory
Clamping quantization
steps
∆CY
CxPWM
0.78
%
3)
3) Quantization starts for CL at 0% and for CH at 100%
CY
CLPWM
CL 32
⋅
4096
------------------
=
CY
CHPWM
CH
1
+
() 32 1
–
⋅
4096
----------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com