Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5011 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 17Page - Infineon Technologies AG TLE5011 Datasheet HTML 18Page - Infineon Technologies AG TLE5011 Datasheet HTML 19Page - Infineon Technologies AG TLE5011 Datasheet HTML 20Page - Infineon Technologies AG TLE5011 Datasheet HTML 21Page - Infineon Technologies AG TLE5011 Datasheet HTML 22Page - Infineon Technologies AG TLE5011 Datasheet HTML 23Page - Infineon Technologies AG TLE5011 Datasheet HTML 24Page - Infineon Technologies AG TLE5011 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
TLE5011
Specification
Final Data Sheet
21
V2.0, 2011-03
3.6.3
GMR Parameters after Calibration
After calibration under the conditions specified in Table 9 “GMR test calibration conditions at IFX” on Page 19,
the sensor has a remaining error as shown in Table 10.
The error value refers to B
Z = 0 mT and operating conditions given in Table 3 “Operating Range” on Page 14.
3.7
Signal Processing
Table 10
GMR Parameter with Temperature-Dependent Offset Compensation
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
1)
1) At 25°C, B=30mT
max.
Overall Angle Error
α
err
-
0.7
1.6
°
Including temperature drift
2) 3)
2) Including hysteresis error
3) At 0h
-
-
2.2
°
Including lifetime and
temperature drift
2) 4)
4) Not subject to production test - verified by design/characterization
Table 11
Signal Processing
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
1)
1) For 4-MhHz input frequency
max.
Internal Cutoff
Frequency (-3dB)
of sin or cos Value
fCut-Off
-
4.9
-
kHz
FIR_BYP=0
19.6
FIR_BYP=1
Update Time of
sin or cos Value
2)
2) t
upd = 8192 / (25 x fCLK) for FIR_BYP = 0
t
upd = 8192 / (100 x fCLK) for FIR_BYP = 1
tupd
-
81.9
-
µs
FIR_BYP=0
-
20.5
-
FIR_BYP=1
Settle Time
3)
3) t
settle =2xtupd , after change of ADC input source
tsettle
-163.8
-
FIR_BYP=0
-
41.0
-
FIR_BYP=1
Peak ADC Output value ADC
Pk
-
-
23230
digits
Signed 16-bit integer
(2s complement)
4) 5) 6)
4) Output values are valid up to this limit. Above it, corrupted results may occur due to non-linearity of the ADC.
5) One digit typically represents 5.166 µV
6) Corresponds to max. GMR output value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com