Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5205-2GP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE5205-2GP
Description  5-A H-Bridge for DC-Motor Applications
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5205-2GP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE5205-2GP Datasheet HTML 9Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 10Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 11Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 12Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 13Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 14Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 15Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 16Page - Infineon Technologies AG TLE5205-2GP Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
TLE 5205-2
Electrical Characteristics
Data Sheet
13
Rev. 1.1, 2007-07-31
Output Switching Times (Device Active for
t > 1 ms)
Source ON
t
ON H
–15
30
µs
I
OUT = – 3 A
resistive load
Sink ON
t
ON L
–510
µs
I
OUT = 3 A
resistive load
Source OFF
t
OFF H
–25
µs
I
OUT = – 3 A
resistive load
Sink OFF
t
OFF L
–25
µs
I
OUT = 3 A
resistive load
Clamp Diodes
Forward Voltage
High-side
V
FH
–11.5
V
I
F = 3 A
Low-side
V
FL
–1.1
1.5
V
I
F = 3 A
Leakage Current
Source
I
LKH
– 100 – 50
–
µAOUT1 = V
S
Sink
I
LKL
–
50
100
µA
OUT2 =
GND
Logic
Control Inputs IN 1, 2
H-input voltage threshold
V
INH
2.8
2.5
–
V
–
L-input voltage
V
INL
–1.7
1.2
V
–
Hysteresis of input voltage
V
INHY
0.4
0.8
1.2
V
–
H-input current
I
INH
–2
0
2
µA
V
IN = 5 V
L-input current
I
INL
–10
– 4
0
µA
V
IN = 0 V
3.3
Electrical Characteristics (cont’d)
6 V <
V
S < 18 V; IN1 = IN2 = HIGH
I
OUT1, 2 = 0 A (No load); – 40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com