Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1906 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1906
Description  NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1906 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC1906 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC1906
0.05 A , 30 V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
24-Feb-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
Base

Emitter
Collector
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Transition Frequency
APPLICATIONS
VHF Amplifier
Mixer, Local Oscillator
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
19
V
Emitter to Base Voltage
VEBO
2
V
Collector Current - Continuous
IC
50
mA
Collector Power Dissipation
PC
300
mW
Thermal Resistance From Junction To Ambient
RθJA
416
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
30
-
-
V
IC=0.01mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
19
-
-
V
IC=3mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
2
-
-
V
IE=0.01A, IC=0
Collector Cut – Off Current
ICBO
-
-
0.5
μA
VCB=10V, IE=0
Emitter Cut – Off Current
IEBO
-
-
0.5
μA
VEB=2V, IC=0
DC Current Gain
hFE
40
-
-
VCE=10V, IC=10mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
1
V
IC=20mA, IB=4mA
Transition Frequency
fT
600
-
-
MHz
VCE=10V, IC=10mA
Collector Output Capacitance
Cob
-
-
2
pF
VCB=10V, IE=0, f=1MHz
Emitter
Collector
Base
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - 2SC1906

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1906 HITACHI-2SC1906 Datasheet
45Kb / 8P
Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1906 RENESAS-2SC1906 Datasheet
168Kb / 7P
Silicon NPN Epitaxial Planar
logo
Inchange Semiconductor ...
2SC1906 ISC-2SC1906 Datasheet
182Kb / 4P
isc Silicon NPN RF Transistor
logo
List of Unclassifed Man...
2SC1906 ETC1-2SC1906 Datasheet
192Kb / 3P
TRANSISTOR
logo
Renesas Technology Corp
2SC1906TZ-E RENESAS-2SC1906TZ-E Datasheet
168Kb / 7P
Silicon NPN Epitaxial Planar
More results

Similar Description - 2SC1906

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com