Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6212 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE6212
Description  System-IC for ABS/TC/ESC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6212 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE6212 Datasheet HTML 1Page - Infineon Technologies AG TLE6212 Datasheet HTML 2Page - Infineon Technologies AG TLE6212 Datasheet HTML 3Page - Infineon Technologies AG TLE6212 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PG-LQFP-64
Type
Package
Marking
TLE6212
PG-LQFP-64
TLE6212
Product Brief
2
Rev. 1, 2008-10-24
System-IC for ABS/TC/ESC
TLE6212
Overview
Features
•
Quad Wheelspeed sensor interface for active sensors
– Active Wheel Speed Sensor supply
– Active Wheel Speed signal conditioning
•
Quad Wheelspeed sensor interface for passive sensors
– Passive Wheel Speed signal conditioning
•
Multi-Supply for Microcontroller
– Control circuit for protected regulator pre-driver (8 V)
– Control circuit for three voltage regulators (1.9 V, 3.3 V & 5 V)
– Under-and overvoltage reset
•
High Side Driver for Pump motor FET
•
High Side Main FET driver
•
Extended watchdog functionality
– Window watchdog
– Signature Watchdog
•
Temperature monitoring
•
2 High voltage Enable outputs
•
2 High voltage general purpose outputs
•
ISO conform K-line interface
•
8-bit SPI interface
•
Green Product (RoHS compliant)
•AEC Qualified
Functional Description
The TLE6212 is a system IC intended for ABS, Traction Control and Electronic Stability Control Systems. It is
especially designed for automotive use. The device is based on Infineon’s power technology SPT4 which allows
bipolar and CMOS control circuitry to be integrated with DMOS power devices on the same monolithic circuitry.
The TLE6212 includes different functions needed for ABS, TC and ESC systems as Wheel Speed Sensor
Interface both for active or passive sensors, multiple supply control for the micro controller and other components
on the PCB, High Side Driver for Pump Motor and Main switch. High voltage enable and general purpose outputs
and K-Line interface is available for off-board communication. A 8 bit SPI interface allows communication and
programming from the micro controller.
For safety reasons a window watchdog / signature watchdog is included. In addition a logic backbone connects
all sub-blocks and its supervision functions to each other and to the SPI communication interface.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com