Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6220GP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6220GP
Description  Smart Quad Low-Side Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6220GP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6220GP_09 Datasheet HTML 3Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 4Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 5Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 6Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 7Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 8Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 9Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 10Page - Infineon Technologies AG TLE6220GP_09 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Data Sheet TLE 6220 GP
V2.2
Page
2009-11-18
7
SCLK - Serial Clock. The system clock pin clocks the internal shift register of the TLE
6220 GP. The serial input (SI) accepts data into the input shift register on the falling edge of
SCLK while the serial output (SO) shifts diagnostic information out of the shift register on the
rising edge of serial clock. It is essential that the SCLK pin is in a logic low state whenever
chip select
CS makes any transition.
SI - Serial Input. Serial data bits are shifted in at this pin, the most significant bit first. SI infor-
mation is read in on the falling edge of SCLK. Input data is latched in the shift register and
then transferred to the control buffer of the output stages.
The input data consists of one byte, made up of four control bits and four data bits. The con-
trol word is used to program the device, to operate it in a certain mode as well as providing
diagnostic information (see page 11). The four data bits contain the input information for the
four channels, and are high active.
SO - Serial Output. Diagnostic data bits are shifted out serially at this pin, the most significant
bit first. SO is in a high impedance state until the
CS pin goes to a logic low state. New diag-
nostic data will appear at the SO pin following the rising edge of SCLK.
RESET
- Reset pin. If the reset pin is in a logic low state, it clears the SPI shift register and
switches all outputs OFF. An internal pull-up structure is provided on chip. As long as the re-
set pin is low the device is in low quiescent current mode and the supply current is reduced to
typ. 20µA.
Output Stage Control
The four outputs of the TLE 6220 GP can either be controlled in parallel (IN1...IN4), or via the
Serial Peripheral Interface (SPI).
Parallel Control
A Boolean operation (either AND or OR) is performed on each of the parallel inputs and re-
spective SPI data bits, in order to determine the states of the respective outputs. The type of
Boolean operation performed is programmed via the serial interface.
The parallel inputs are high or low active depending on the PRG pin. If the parallel input pins
are not connected (independent of high or low activity) it is guaranteed that the outputs 1 to 4
are switched OFF. PRG pin itself is internally pulled up when it is not connected.
PRG - Program pin.
PRG = High (VS):
Parallel inputs Channel 1 to 4 are high active
PRG = Low (GND): Parallel inputs Channel 1 to 4 are low active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com