Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2274 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2274
Description  NPN Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2274 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2274 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SC2274
0.5 A , 60 V
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
21-Feb-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Breakdown Voltage
High Current
Low Saturation Voltage
CLASSIFICATION OF hFE(1)
Product-Rank
2SC2274-D
2SC2274-E
2SC2274-F
Range
60~120
100~200
160~320
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
0.5
A
Collector Power Dissipation
PC
600
mW
Thermal Resistance From Junction To Ambient
RθJA
208
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
60
-
-
V
IC=0.01mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=0.01mA, IC=0
Collector Cut – Off Current
ICBO
-
-
1
μA
VCB=40V, IE=0
Emitter Cut – Off Current
IEBO
-
-
1
μA
VEB=4V, IC=0
DC Current Gain
hFE(1)
60
-
320
VCE=5V, IC=50mA
hFE(2)
*
35
-
-
VCE=5V, IC=400mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.6
V
IC=400mA, IB=40mA
Base to Emitter voltage
VBE(sat)
-
-
1.2
V
IC=400mA, IB=40mA
Transition Frequency
fT
-
120
-
MHz
VCE=10V, IC=10mA
Collector Output Capacitance
Cob
-
5
-
pF
VCB=10V, f=1MHz
Emitter
Collector
Base
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - 2SC2274

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2274 ETC-2SC2274 Datasheet
42Kb / 1P
LOW FREQUENCY POWER AMP APPLICATIONS
logo
Foshan Blue Rocket Elec...
2SC2274 FOSHAN-2SC2274 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SC2274 JIANGSU-2SC2274 Datasheet
548Kb / 4P
TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SC2274 DGNJDZ-2SC2274 Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate Transistors
2SC2274-TA DGNJDZ-2SC2274-TA Datasheet
1Mb / 5P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2274

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com