Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6284G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6284G
Description  H-Bridge Driver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6284G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6284G Datasheet HTML 2Page - Infineon Technologies AG TLE6284G Datasheet HTML 3Page - Infineon Technologies AG TLE6284G Datasheet HTML 4Page - Infineon Technologies AG TLE6284G Datasheet HTML 5Page - Infineon Technologies AG TLE6284G Datasheet HTML 6Page - Infineon Technologies AG TLE6284G Datasheet HTML 7Page - Infineon Technologies AG TLE6284G Datasheet HTML 8Page - Infineon Technologies AG TLE6284G Datasheet HTML 9Page - Infineon Technologies AG TLE6284G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet TLE6284G
Data Sheet
6
Rev 2.4 2008-03-18
Dynamic characteristics (pls. see test circuit and timing diagram)
Turn on current @ VGxx –VSxx = 0V; Tj=25°C
@ VGxx –VSxx = 4V; Tj=125°C
@ CLoad=22nF ; Rload= 0Ω
IGxx(on)
--
--
850
700
--
--
mA
Turn off current @ VGxx –VSxx = 10V; Tj=25°C
@ VGxx –VSxx = 4V; Tj=125°C
@ CLoad= 22nF ; Rload=0Ω
IGxx(off)
--
--
580
300
--
--
mA
Dead time (adjustable) @ RDT = 1 k
Ω
@ RDT = 10 k
Ω
@ RDT = 50 k
Ω
@ RDT = 200 k
Ω
@ CLoad=10nF ; Rload=1Ω
tDT
--
0.05
0.40
--
0.01
0.20
1.0
3.1
--
0.38
2.50
--
µs
Rise time @ CLoad=10nF ; Rload=1Ω (20% to
80%)
t rise
--
100
300
ns
Fall time @ CLoad=10nF ; Rload=1Ω (80% to
20%)
tfall
--
150
440
ns
Disable propagation time
@ CLoad=10nF ; Rload=1Ω
tP(DIS)
3.6
5
7
µs
Reset time of diagnosis
@ CLoad=10nF ; Rload=1Ω
tP(CL)
12
3.1
µs
Input propagation time
(low side turns on, 0% to 10%)
tP(ILN)
--
250
500
ns
Input propagation time
(low side turns off, 100% to 90%)
tP(ILF)
--
110
500
ns
Input propagation time
(high side turns on, 0% to 10%)
tP(IHN)
--
200
500
ns
Input propagation time
(high side turns off, 100% to 90%)
tP(IHF)
--
130
500
ns
Input propagation time difference
(all channels turn on)
tP(Diff)
20
50
70
ns
Input propagation time difference
(all channels turn off)
tP(Diff)
--
25
50
ns
Input propagation time difference
(one channel; low on – high off)
tP(Diff)
--
120
180
ns
Input propagation time difference
(one channel; high on – low off)
tP(Diff)
--
100
180
ns
Input propagation time difference
(all channels; low on – high off)
tP(Diff)
--
120
180
ns
Input propagation time difference
(all channels; high on – low off)
tP(Diff)
--
100
180
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com