Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3052 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3052
Description  NPN Plastic-Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3052 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3052_11 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3052_11 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC3052_11 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC3052
0.2A , 50V
NPN Plastic-Encapsulate Transistor
18-Feb-2011 Rev. B
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
2
Emitter
Collector
3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURE
Excellent linearity of DC forward current gain.
Low collector to emitter saturation voltage
VCE(sat)=0.3V max. (@IC=100mA, IB=10mA)
CLASSIFICATION OF hFE
Product-Rank
2SC3052-E
2SC3052-F
2SC3052-G
Range
150~300
250~500
400~800
Marking
LE
LF
LG
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-23
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
200
mA
Collector Power Dissipation
PC
150
mW
Junction, Storage Temperature
TJ, TSTG
125, -55~125
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
50
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=100µA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=100µA, IC=0
Collector Cut-Off Current
ICBO
-
-
0.1
µA
VCB=50V, IE=0
Emitter Cut-Off Current
IEBO
-
-
0.1
µA
VEB=6V, IC=0
hFE (1)
150
-
800
VCE=6V, IC=1mA
DC Current Gain
hFE (2)
50
-
VCE=6V, IC=0.1mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.3
V
IC=100mA, IB=10mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1
V
IC=100mA, IB=10mA
Transition Frequency
fT
180
-
-
MHz
VCE=6V, IC=10mA
Collector Output Capacitance
Cob
-
-
4
pF
VCE=6V, IE=0, f=1MHz
Noise Figure
NF
-
-
15
dB
VCE=6V, IE= -0.1mA, f=1KHz,
RG=2K
SOT-23
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.04
G
0.09
0.18
B
2.10
2.55
H
0.45
0.60
C
1.20
1.40
J
0.08
0.177
D
0.89
1.15
K
0.6 REF.
E
1.78
2.04
L
0.89
1.02
F
0.30
0.50


Similar Part No. - 2SC3052_11

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SC3052 ISAHAYA-2SC3052_10 Datasheet
189Kb / 4P
FOR LOW FREQUENCY AMPLIFY APPLICATION SILICON NPN EPITAXIAL TYPE
logo
SeCoS Halbleitertechnol...
2SC3052 SECOS-2SC3052_15 Datasheet
643Kb / 3P
NPN Plastic-Encapsulate Transistor
logo
SHENZHEN YONGERJIA INDU...
2SC3052 WINNERJOIN-2SC3052_15 Datasheet
129Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC3052_11

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC846W SECOS-BC846W Datasheet
909Kb / 4P
NPN Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com