Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3279 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3279
Description  NPN Plastic Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3279 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3279 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3279 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2SC3279
2A , 30V
NPN Plastic Encapsulated Transistor
18-Feb-2011 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
C
E
K
F
D
B
G
H
J
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High DC current gain and excellent hFE linearity.
Low saturation voltage.
CLASSIFICATION OF hFE
Product-Rank 2SC3279-L
2SC3279-M
2SC3279-N
2SC3279-P
Range
140~240
200~330
300~450
420~600
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
10
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
2
A
Collector Power Dissipation
PC
0.75
W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage
V(BR)CBO
30
-
-
V
IC=1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
10
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
0.1
µ
A
VCB=30V, IE=0
Emitter Cut – Off Current
IEBO
-
-
0.1
µ
A
VEB=6V, IC=0
DC Current Gain
hFE
140
-
600
VCE=1V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.82
V
IC=2A, IB=100mA
Base to Emitter voltage
VBE
-
-
1.5
V
VCE=1V, IC=2A
Collector Output Capacitance
Cob
-
27
-
pF
VCB=10V, IE=0, f=1MHz
Transition Frequency
fT
-
150
-
MHz
VCE=1V, IC=0.5A
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
TO-92
Millimeter
REF.
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76


Similar Part No. - 2SC3279

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3279 TOSHIBA-2SC3279 Datasheet
163Kb / 3P
NPN EPITAXIAL TYPE (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC3279 TOSHIBA-2SC3279 Datasheet
335Kb / 3P
Silicon NPN Epitaxial Type (PCT process) Strobe Flash Applications
logo
SeCoS Halbleitertechnol...
2SC3279 SECOS-2SC3279 Datasheet
312Kb / 2P
NPN Transistor Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
2SC3279 WINNERJOIN-2SC3279 Datasheet
125Kb / 1P
TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC3279 JIANGSU-2SC3279 Datasheet
501Kb / 3P
TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - 2SC3279

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com