Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7182EM Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7182EM
Description  H-Bridge and Dual Half Bridge Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7182EM Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7182EM Datasheet HTML 17Page - Infineon Technologies AG TLE7182EM Datasheet HTML 18Page - Infineon Technologies AG TLE7182EM Datasheet HTML 19Page - Infineon Technologies AG TLE7182EM Datasheet HTML 20Page - Infineon Technologies AG TLE7182EM Datasheet HTML 21Page - Infineon Technologies AG TLE7182EM Datasheet HTML 22Page - Infineon Technologies AG TLE7182EM Datasheet HTML 23Page - Infineon Technologies AG TLE7182EM Datasheet HTML 24Page - Infineon Technologies AG TLE7182EM Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
21
Rev 1.1, 2010-09-30
H-Bridge and Dual Half Bridge Driver IC
TLE7182EM
5.3
Shunt Signal Conditioning
The TLE7182EM incorporates a fast and precise operational amplifier for conditioning and amplification of the
current sense shunt signal. The gain of the OpAmp is adjustable by external resistors within a range higher than 5.
The usage of higher gains in the application might be limited by required settling time and band width.
It is recommended to apply a small offset to the OpAmp, to avoid operation in the lower rail at low currents.
The output of the OpAmp ISO is not short-circuit proof.
Figure 5
Shunt Signal Conditioning Block Diagram and Over Current Limitation
Over current warning see Chapter 5.2.7.
5.3.1
Electrical Characteristics
Electrical Characteristics - Current sense signal conditioning
V
S = 7.0 to 36V, Tj = -40 to +150°C, gain = 5 to 75, all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.3.1
Series resistors
R
S
100
500
1000
Ω
–
5.3.2
Feedback resistor
Limited by the output voltage
dynamic range
R
fb
2000
7500
–
Ω
–
5.3.3
Resistor ratio (gain ratio)
R
fb/RS
5
–––
–
5.3.4
Steady state differential input
voltage range across VIN
V
IN(ss)
-400
–
400
mV
–
5.3.5
Input differential voltage (ISP - ISN)
V
IDR
-800
–
800
mV
–
5.3.6
Input voltage (Both Inputs - GND)
(ISP - GND) or (ISN -GND)
V
LL
-800
–
2000
mV
–
5.3.7
Input offset voltage of the I-DC link
OpAmp, including temperature drift
V
IO
–
–
+/-2
mV
R
S=500Ω; VCM=0V;
V
ISO=1.65V;
5.3.8
Input bias current (ISN,ISP to GND)
I
IB
-300
–
–
µA
V
CM=0V; VISO=open
5.3.9
Low level output voltage of ISO
V
OL
-0.1
–
0.2
V
I
OH=3mA
external
R
S1
R
S2
TLE718xEM
-
+
-
+
V
OCTH
ERR
R
REF1
R
FB
R
shunt
V
DD
ISN
ISP
ISO
R
REF2
R
FB=(RREF1||RREF2 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com