Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7231G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE7231G
Description  SPIDER - 4 channel low side driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7231G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE7231G Datasheet HTML 5Page - Infineon Technologies AG TLE7231G Datasheet HTML 6Page - Infineon Technologies AG TLE7231G Datasheet HTML 7Page - Infineon Technologies AG TLE7231G Datasheet HTML 8Page - Infineon Technologies AG TLE7231G Datasheet HTML 9Page - Infineon Technologies AG TLE7231G Datasheet HTML 10Page - Infineon Technologies AG TLE7231G Datasheet HTML 11Page - Infineon Technologies AG TLE7231G Datasheet HTML 12Page - Infineon Technologies AG TLE7231G Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Datasheet
9
Rev. 1.0, 2008-02-28
SPI Driver for Enhanced Relay Control
SPIDER - TLE7231G
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Absolute Maximum Ratings 1)
T
j = -40 °C to +150 °C; VDD = 3.0 V to VDDA, VDDA = 4.5V to 5.5V.
All voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
1) Not subject to production test, specified by design.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Power Supply
4.1.1
Digital supply voltage
V
DD
-0.3
5.5
V
–
4.1.2
Analog supply voltage
VDDA
-0.3
5.5
V
–
Power Stages
4.1.3
Load current
ID
-0.5
0.5
A
–
4.1.4
Output voltage for short circuit protection
(single pulse)
VD
–36
V
–
4.1.5
Voltage at power transistor
VDS
41
V
active clamped
4.1.6
Maximum energy dissipation one channel
E
AS
mJ
2)
2) Pulse shape represents inductive switch off: ID(t) = ID(0) × (1 - t / tpulse); 0 < t < tpulse
single pulse
–
65
Tj(0) = 85 °C
ID(0) = 0.35 A
single pulse
–
30
Tj(0) = 150 °C
ID(0) = 0.25 A
repetitive (1 · 104 cycles)
repetitive (1 · 106 cycles)
EAR
–
–
18
13
Tj(0) = 150 °C
ID(0) = 0.25 A
ID(0) = 0.17 A
Logic Pins
4.1.7
Voltage at input pin
VIN
-0.3
5.5
V
–
4.1.8
Voltage at reset pin
VRST
-0.3
V
DD + 0.3
V
3)
4.1.9
Voltage at chip select pin
VCS
-0.3
V
DD + 0.3
V
3)
4.1.10
Voltage at serial clock pin
VSCLK
-0.3
V
DD + 0.3
V
3)
4.1.11
Voltage at serial input pin
VSI
-0.3
V
DD + 0.3
V
3)
4.1.12
Voltage at serial output pin
VSO
-0.3
V
DD + 0.3
V
3)
Temperatures
4.1.13
Junction Temperature during operation
T
j
-40
150
°C–
4.1.14
Dynamic temperature increase while
switching
∆Tj
–60
°C–
4.1.15
Storage Temperature
T
stg
-55
150
°C–
ESD Susceptibility
4.1.16
ESD Resistivity
V
ESD
kV
HBM4)
Output
-4
4
Input / SPI
-2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com