Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7233G Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # TLE7233G
Description  SPI Driver for Enhanced Relay Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7233G Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7233G Datasheet HTML 8Page - Infineon Technologies AG TLE7233G Datasheet HTML 9Page - Infineon Technologies AG TLE7233G Datasheet HTML 10Page - Infineon Technologies AG TLE7233G Datasheet HTML 11Page - Infineon Technologies AG TLE7233G Datasheet HTML 12Page - Infineon Technologies AG TLE7233G Datasheet HTML 13Page - Infineon Technologies AG TLE7233G Datasheet HTML 14Page - Infineon Technologies AG TLE7233G Datasheet HTML 15Page - Infineon Technologies AG TLE7233G Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE7233G
Power Supply
Datasheet
12
Rev. 1.0, 2008-02-28
5.1
Limp Home Mode
The TLE7233G offers the capability of driving dedicated channels during eventual fail-safe operation of the
system. This limp home mode is activated by a high signal at pin LHI. In this mode, the SPI registers are reset and
the input pins are directly routed to their corresponding channels, see Table 3 for details.
Furthermore, the SPI is ignored and all input pin are referred to
V
DDA in order to ensure a defined operation mode
if the digital supply or the microcontroller fail.
A high signal on LHI overrides a Reset signal on RST. In case of a limp home during sleep the device will therefore
wake up and enter the limp home mode.
During Limp home mode any SPI transmission will receive a TER flag.
After limp home operation all registers are reset and the device enters in sleep mode following low logic RST state,
or returns to ON state (all channels OFF with diagnostic currents active). Next SPI transmission will receive a TER
Flag.
Table 3
Routing during limp home mode
Input
controlled
Output
IN0
OUT0
IN1
OUT1
IN2
OUT2
IN3
OUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com