Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7236EM Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE7236EM
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7236EM Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE7236EM Datasheet HTML 9Page - Infineon Technologies AG TLE7236EM Datasheet HTML 10Page - Infineon Technologies AG TLE7236EM Datasheet HTML 11Page - Infineon Technologies AG TLE7236EM Datasheet HTML 12Page - Infineon Technologies AG TLE7236EM Datasheet HTML 13Page - Infineon Technologies AG TLE7236EM Datasheet HTML 14Page - Infineon Technologies AG TLE7236EM Datasheet HTML 15Page - Infineon Technologies AG TLE7236EM Datasheet HTML 16Page - Infineon Technologies AG TLE7236EM Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
SPI Driver for Enhanced Relay Control
TLE7236EM
Power Supply
Data Sheet
13
Rev. 1.0, 2010-02-18
5
Power Supply
The TLE7236EM is supplied by two supply voltages
V
bb and VDD. The Vbb supply line is connected to a battery
feed and used by the power switches and by an integrated power supply for the register banks. The internal power
supply is designed to hold the state of the power switches including the configuration stored in the control register
bank during cranking down to 4V. There is an under voltage reset function implemented for the
V
bb power supply,
which is triggered if
V
bb is below the undervoltage threshold. After start-up of the power supply, all SPI registers
are reset to their default values and the device is in sleep mode (standby). Sending the SPI command
CMD.WAKE = 1 switches the device to operation mode (ON), while a command CMD.STB = 1 send the device to
sleep mode (standby) again. Please note that the device needs the time
t
wu(Sleep) to initialize itself. No SPI
command should be send after changing the power state via CMD.WAKE = 1 before this time is elapsed. A SPI
frame send during
t
wu(Sleep) could be ignored.
The
V
DD supply line is used to power the circuitry related to the SPI shift register and for driving the SO line. As a
result, the daisy chain function is available as soon as
V
DD is provided in the specified range independent of Vbb.
A capacitor between pins
V
DD and GND is recommended (especially in case of EMI disturbances).
Please see Figure 14 “Application Diagram” on Page 35 for details.
5.1
Operation Modes
There is a limp home functionality implemented in the TLE7236EM, which is activated via pin LHI. Please refer to
Section 5.2 for details.
The device provides a sleep mode (stand by) to minimize current consumption, which also resets the register
banks. It is entered and left by dedicated SPI commands . The sleep mode current is minimized only when limp
home is inactive. After limp home, the device enters sleep mode automatically.
The internal power supply is designed for low voltage cranking condition down to
V
bb = 4 V. During cranking, the
output channels keep their state as before configured via SPI independent of
V
DD supply voltage. If VDD =0 V the
SPI can not be used as the output and input levels refer to
V
DD, but the device keep the current state until either
the limp home mode is triggered or the
V
DD voltages comes back and therefore the SPI Interface works again.
The following table shows the operation modes depending on
V
bb, VDD and the limp home input signal LHI.
5.2
Limp Home Mode
The TLE7236EM offers the capability of driving dedicated channels during fail-safe operation of the system. This
limp home mode is activated by a high signal at pin LHI. In limp home mode, the SPI registers are reset and the
input pins are directly routed to the auto configuring channels (channel 4 and 5). As a result, the limp home
operation can be chosen for high-side and low-side driven loads. Due to the integrated power supply, limp home
operation is independent of digital power supply
V
DD. In case of stand-by, a high signal at pin LHI will wake up the
device. After limp home operation, the device enters sleep mode in any case.
Operation Modes
VBB
0 V0 V0 V
4 V4 V4 V
12 V
12 V
12 V
12 V
VDD
0 V5 V5 V
0 V0 V3 V
0 V
0 V
5 V5 V
LHI
X
0 V
5 V
0V
4V
0V
0 V
5 V
0V
5V
Switches operating
-
-
-
✓✓✓
✓✓✓✓
Limp Home
-
-
-
-
✓
--
✓
-
✓
SPI & daisy-chain
-
✓
✓
--
✓
--
✓
✓
Register Banks
reset
reset
reset
✓
reset
✓
✓
reset
✓
reset
Diagnostic functions
-
-
----
✓
-
✓
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com