Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7239SL Datasheet(PDF) 27 Page - Infineon Technologies AG

Part # TLE7239SL
Description  SPI Driver for Enhanced Relay Control
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7239SL Datasheet(HTML) 27 Page - Infineon Technologies AG

Back Button TLE7239SL Datasheet HTML 23Page - Infineon Technologies AG TLE7239SL Datasheet HTML 24Page - Infineon Technologies AG TLE7239SL Datasheet HTML 25Page - Infineon Technologies AG TLE7239SL Datasheet HTML 26Page - Infineon Technologies AG TLE7239SL Datasheet HTML 27Page - Infineon Technologies AG TLE7239SL Datasheet HTML 28Page - Infineon Technologies AG TLE7239SL Datasheet HTML 29Page - Infineon Technologies AG TLE7239SL Datasheet HTML 30Page - Infineon Technologies AG TLE7239SL Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
SPI Driver for Enhanced Relay Control
TLE7239SL
Serial Peripheral Interface (SPI)
Data Sheet
27
Rev. 1.0, 2010-02-18
9
Serial Peripheral Interface (SPI)
The diagnosis and control interface is based on a serial peripheral interface (SPI).
The SPI is a full duplex synchronous serial slave interface, which uses four lines: SO, SI, SCLK and CS. Data is
transferred by the lines SI and SO at the data rate given by SCLK. The falling edge of CS indicates the beginning
of a data access. Data is sampled in on line SI at the falling edge of SCLK and shifted out on line SO at the rising
edge of SCLK. Each access must be terminated by a rising edge of CS. A modulo 8 counter ensures that data is
taken only, when a multiple of 8 bit has been transferred. The interface provides daisy chain capability.
Figure 8
Serial Peripheral Interface
The SPI protocol is described in Section 9.3. It is reset to the default values after reset.
9.1
SPI Signal Description
CS - Chip Select: The system micro controller selects the TLE7239SL by means of the CS pin. Whenever the pin
is in low state, data transfer can take place. When CS is in high state, any signals at the SCLK and SI pins are
ignored and SO is forced into a high impedance state.
CS High to Low transition:
•
The diagnosis information is transferred into the shift register.
•
SO changes from high impedance state to high or low state depending on the logic OR combination between
the transmission error flag (TER) and the signal level at pin SI. As a result, even in daisy chain configuration,
a high signal indicates a faulty transmission. For details, please refer to Figure 9. This information stays
available to the first rising edge of SCLK.
Figure 9
Transmission Error Flag on SO Line
LSB
6
5
4
3
2
1
LSB
6
5
4
3
2
1
CS
MSB
MSB
SO
SI
CS
SCLK
time
SPI.emf
TER.emf
SI
SPI
OR
TER
0
1
SO
CS
SCLK
S
SO
S
SI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com