Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE7368 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE7368
Description  Next Generation Micro Controller Supply
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7368 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE7368 Datasheet HTML 17Page - Infineon Technologies AG TLE7368 Datasheet HTML 18Page - Infineon Technologies AG TLE7368 Datasheet HTML 19Page - Infineon Technologies AG TLE7368 Datasheet HTML 20Page - Infineon Technologies AG TLE7368 Datasheet HTML 21Page - Infineon Technologies AG TLE7368 Datasheet HTML 22Page - Infineon Technologies AG TLE7368 Datasheet HTML 23Page - Infineon Technologies AG TLE7368 Datasheet HTML 24Page - Infineon Technologies AG TLE7368 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
TLE7368
General Product Characteristics
Data Sheet
21
Rev. 2.1, 2010-11-22
4.4.128
Overvoltage Reset
reaction time
t
OVRR, RO_2
20
–
80
µs
Buck converter operating;
Voltage step on FB_EXT from
V
FB_EXT, nom to
V
ORT FB_EXT, in, max + 20 mV
Electrical Characteristics (cont’d)
V
IN = VIN_STBY = 13.5 V, Tj = -40 °C to +150 °C,
V
CCP = 9.0 V; SEL_STBY = Q_STBY; all voltages with respect to ground.
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com