Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1616A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1616A
Description  NPN Plastic-Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1616A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1616A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1616A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SD1616A
1A , 120V
NPN Plastic-Encapsulated Transistor
Elektronische Bauelemente
12-Apr-2011 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power dissipation
CLASSIFICATION OF hFE (1)
Product-Rank
2SD1616A-L
2SD1616A-K
2SD1616A-U
Range
135~270
200~400
300~600
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
120
V
Collector to Emitter Voltage
VCEO
60
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
1
A
Collector Power Dissipation
PC
750
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
120
-
-
V
IC=10μA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
60
-
-
V
IC=2mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
6
-
-
V
IE=10μA, IC=0
Collector Cut – Off Current
ICBO
-
-
0.1
μA
VCB=60V, IE=0
Emitter Cut – Off Current
IEBO
-
-
0.1
μA
VEB=6V, IC=0
DC Current Gain
hFE (1)
135
-
600
VCE=2V, IC=100mA
hFE (2)
81
-
-
VCE=2V, IC=1A
Collector to Emitter Saturation Voltage*
VCE(sat)
-
-
0.3
V
IC=1A, IB=50mA
Base to Emitter Saturation Voltage*
VBE(sat)
-
-
1.2
V
IC=1A, IB=50mA
Base to Emitter Voltage*
VBE
0.6
-
0.7
V
VCE=2V, IC=50mA
Transition Frequency
fT
100
-
-
MHz
VCE=2V, IC=100mA
Collector Output Capacitance
Cob
-
-
19
pF
VCB=10V, IE=0, f=1MHz
Turn on time
ton
-
0.07
-
μs
VCC=10V, IC=100mA,
IB1=-IB2=10mA
Storage time
tS
-
0.95
-
Fall time
tF
-
0.07
-
*pulse test: PW 350μs, σ 2%.
≦≦
Emitter
Collector
Base
TO-92
REF.
Millimeter
Min.
Max.
A
4.40
4.70
B
4.30
4.70
C
12.70
-
D
3.30
3.81
E
0.36
0.56
F
0.36
0.51
G
1.27 TYP.
H
1.10
-
J
2.42
2.66
K
0.36
0.76
A
C
E
F
D
G
H
J
B


Similar Part No. - 2SD1616A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
145Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Micro Electronics
2SD1616A MICRO-ELECTRONICS-2SD1616A Datasheet
111Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SD1616A NEC-2SD1616A Datasheet
156Kb / 2P
NPN SILICON TRANSISTORS
logo
Weitron Technology
2SD1616A WEITRON-2SD1616A Datasheet
1Mb / 5P
NPN Transistors
logo
Unisonic Technologies
2SD1616A UTC-2SD1616A Datasheet
66Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - 2SD1616A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SC2668 SECOS-2SC2668 Datasheet
140Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com