Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL3595A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LL3595A
Description  SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LL3595A Datasheet(HTML) 2 Page - Microsemi Corporation

  LL3595A Datasheet HTML 1Page - Microsemi Corporation LL3595A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL DATA SHEET
6 Lake Street, Lawrence, MA 01844
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
Website: http: //www.microsemi.com
LDS-0073 Rev. 2 (100246)
Page 2 of 2
PACKAGE DIMENSIONS
NOTE:
Dimensions
1. Dimensions are in inches.
Ltr
Inches
Millimeters
Notes
2. Millimeters are given for general information only.
Min
Max
Min
Max
3. Dimensions are pre-solder dip.
BD
.063
.067
1.60
1.70
4. Referencing to dimension S, minimum clearance of glass body to
BL
.130
.146
3.30
3.70
mounting surface on all orientations.
ECT
.016
.022
0.41
0.55
5. In accordance with ASME Y14.5M, diameters are equivalent to
φx
S
.001 Min
0.03 Min
symbology.
DESIGN DATA
Case: Hermetically sealed glass package per MIL-PRF-19500/241 DO-213AA outline
Lead Material: Copper clad steel
Lead Finish: Tin / Lead
Thermal Impedance (ZθJX): 70°C/W maximum
Polarity: Cathode end is banded
FIGURE 1. Physical dimensions - 1N3595UR-1, 1N3595AUR-1 (DO-213AA)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com