Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16H Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS16H
Description  Surface Mount Small Signal Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS16H Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS16H Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS16H Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS16H
Surface Mount Small Signal Switching Diode
Elektronische Bauelemente
18-May-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
High Conductance
MARKING
T6
or
T4
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Single Diode @ T
A = 25°C)
Parameter
Symbol
Ratings
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
75
V
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current
IFM
300
mA
Average Rectified Output Current
IO
150
mA
Peak Forward Surge Current @=1.0μs
@=1.0s
IFSM
2.0
A
1.0
Power Dissipation
PD
200
mW
Thermal Resistance Junction to Ambient
RθJA
625
°C / W
Junction, Storage Temperature
TJ, TSTG
125, -65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at T
A = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward Voltage
VF1
-
-
0.715
V
IF = 1mA
VF2
-
-
0.855
IF = 10mA
VF3
-
-
1.0
IF = 50mA
VF4
-
-
1.25
IF = 150mA
Reverse Voltage Leakage Current
IR
-
-
1
μA
VR = 75V
-
-
25
nA
VR = 20V
Capacitance between terminals
CT
-
-
2
pF
VR = 0V, f=1MHz
Reverse Recovery Time
tRR
-
-
4
nS
IF = IR = 10 mA,
IRR=0.1xIR, RL=100
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.05 REF.
E
0.080
0.180
B
0.20 REF.
F
1.15
1.45
C
0.80
1.00
G
1.60
1.80
D
0.25
0.40
H
2.30
2.70
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
SOD-323


Similar Part No. - BAS16H

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS16H WEITRON-BAS16H Datasheet
241Kb / 4P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS16H PHILIPS-BAS16H Datasheet
55Kb / 10P
High-speed switching diode in SOD123F package
Rev. 01-15 April 2005
BAS16H NXP-BAS16H Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
logo
Galaxy Semi-Conductor H...
BAS16H BILIN-BAS16H Datasheet
175Kb / 3P
Surface Mount Switching Diodes
Rev.A
logo
Shenzhen Luguang Electr...
BAS16H LUGUANG-BAS16H Datasheet
220Kb / 2P
Surface Mount Switching Diodes
More results

Similar Description - BAS16H

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAV19TC SECOS-BAV19TC Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
BAV16WS SECOS-BAV16WS Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16H SECOS-BAS16H_15 Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
BAS116W SECOS-BAS116W_15 Datasheet
125Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19P SECOS-BAV19P_15 Datasheet
261Kb / 2P
Surface Mount Small Signal Switching Diode
BAV19TC SECOS-BAV19TC_15 Datasheet
79Kb / 1P
Surface Mount Small Signal Switching Diode
BAV100 SECOS-BAV100_15 Datasheet
167Kb / 2P
Surface Mount Small Signal Switching Diode
MMBD248 SECOS-MMBD248_15 Datasheet
315Kb / 2P
Surface Mount Small Signal Switching Diode
BAS16WS SECOS-BAS16WS Datasheet
234Kb / 2P
Surface Mount Small Signal Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com