Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS116
Description  Surface Mount Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS116 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAS116 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS116 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BAS116 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
BAS116
Voltage 0.1 A, 80 V
Surface Mount Switching Diode
01-June-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low leakage current applications
Medium speed witching times
PACKAGE DIMENSIONS
MARKING: JV
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
Parameter
Symbol
Ratings
Unit
Peak Repetitive Peak Reverse Voltage
VRRM
75
V
Working Peak Reverse Voltage
VRWM
75
V
DC Blocking Voltage
VR
75
V
Collector Currrent
IFM
200
mA
Total Power Dissipation
PD
225
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
VR
75
-
-
V
IR = 100uA
VF1
-
-
0.9
V
IF = 1mA
VF2
-
-
1
V
IF = 10mA
VF3
-
-
1.1
V
IF = 50mA
Forward Voltage
VF4
-
-
1.25
V
IF = 150mA
Reverse Current
IR
-
-
5
nA
VR = 75V
Diode Capacitance
CTOT
-
2
-
pF
VR = 0V, f=1MHz
Reverse Recovery Time
TRR
-
-
3
uS
IF=IR=10mA,IRR=0.1×IR , RL=100Ω
Collector
Base
Emitter
Dim
Min
Max
A
2.800
3.040
B
1.200
1.400
C
0.890
1.110
D
0.370
0.500
G
1.780
2.040
H
0.013
0.100
J
0.085
0.177
K
0.450
0.600
L
0.890
1.020
S
2.100
2.500
V
0.450
0.600
All Dimension in mm
SOT-23
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3


Similar Part No. - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116 Datasheet
52Kb / 8P
Low-leakage diode
1999 May 26
logo
Siemens Semiconductor G...
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
344Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
More results

Similar Description - BAS116

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com