Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # BAS516S
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAS516S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BAS516S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAS516S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BAS516S
Surface Mount Switching Diode
Any changing of specification will not be informed individual
Elektronische Bauelemente
http://www.SeCoSGmbH.com
Fig.1 Maximum permissible continuous
forward current as a function of
soldering point temperature.
handbook, halfpage
0
100
150
50
200
400
500
300
200
0
100
Ts (
oC)
IF
(mA)
Fig.2
Forward current as a function of
forward voltage Tj=25OC
02
300
IF
(mA)
0
100
200
1
VF (V)
Fig.3
Reverse current as a function of junction
temperature.
105
10
4
10
200
0
100
T ( C)
j
o
IR
(nA)
10
3
10
2
75 V
25 V
typ
max
V
= 75 V
R
typ
Fig.4
Diode capacitance as a function of
reverse voltage; typical values.
f = 1 MHz; Tj = 25
°C.
handbook, halfpage
0
0.6
0.4
0.2
0
48
16
VR (V)
Cd
(pF)
12
typical values.
maximum values.
01-Jun-2002 Rev. A
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com