Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54P Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAT54P
Description  Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAT54P Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAT54P Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAT54P Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAT54P
Plastic-Encapsulate Diodes
09-Nov-2009 Rev. A
Page 1 of 2
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATUERS
Low Turn-on Voltage
Fast Switching
Ultra-Small Surface Mount Package
PN Junction Guard Ring for Transient and ESD Protection
MARKING
L9
MAXIMUM RATINGS (at Ta = 25°C unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
DC Blocking Voltage
VR
30
V
RMS reverse Voltage
VR(RMS)
21
mA
Average Rectified Output Current
IO
100
mA
Forward continuous Current
IF
200
mA
Repetitive peak Forward Current
IFRM
300
mA
Forward Surge Current
IFSM
600
mW
Power Dissipation
Pd
300
K/W
Thermal Resistance Junction to Ambient Air
RθJA
625
°C
Junction Temperature, Storage Temperature
TJ, TSTG
125, -65~125
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
PARAMETERS
SYMBOL MIN.
MAX.
UNIT
TEST CONDITIONS
Reverse Breakdown Voltage
V(BR)R
30
V
IR = 100µA
VF1
240
mV
IF = 0.1mA
VF2
320
mV
IF = 1.0 mA
VF3
400
mV
IF = 10 mA
VF4
500
mV
IF = 30 mA
Forward Voltage
VF5
1000
mV
IF = 100 mA
Peak Reverse Current
IR
2.0
µA
VR = 25V
Reverse Recovery Time
tRR
5.0
ns
IF = 10mA, IR = 10mA to 1mA
RL = 100
Capacitance between Terminals
CT
10
pF
VR =1V, f=1MHz
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.05
1.25
F
1.50
1.70
B
0.10 REF.
G
2.60
2.80
C
1.05
1.15
H
3.55
3.85
D
0.45
0.65
J
0.50 REF.
E
0.08
0.15


Similar Part No. - BAT54P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAT54P SECOS-BAT54P Datasheet
205Kb / 2P
Plastic-Encapsulate Diodes
logo
STMicroelectronics
BAT54P6FILM STMICROELECTRONICS-BAT54P6FILM Datasheet
163Kb / 13P
Small signal Schottky diodes
24-Jul-2006
logo
Vishay Siliconix
BAT54PBF VISHAY-BAT54PBF Datasheet
78Kb / 5P
Schottky Diode, 0.2 A
19-Sep-08
logo
Chenmko Enterprise Co. ...
BAT54PT CHENMKO-BAT54PT Datasheet
356Kb / 2P
SCHOTTKY DIODE VOLTAGE 30 Volts CURRENT 0.2 Ampere
logo
SeCoS Halbleitertechnol...
BAT54P SECOS-BAT54P_15 Datasheet
205Kb / 2P
Plastic-Encapsulate Diodes
More results

Similar Description - BAT54P

ManufacturerPart #DatasheetDescription
logo
GUANGDONG HOTTECH INDUS...
BAV19W HOTTECH-BAV19W Datasheet
350Kb / 2P
Plastic-Encapsulate Diodes
SD103AW HOTTECH-SD103AW Datasheet
160Kb / 2P
Plastic-Encapsulate Diodes
MMBZ52XXB HOTTECH-MMBZ52XXB Datasheet
416Kb / 3P
Plastic-Encapsulate Diodes
S2A HOTTECH-S2A Datasheet
304Kb / 2P
Plastic-Encapsulate Diodes
1SS184 HOTTECH-1SS184 Datasheet
201Kb / 2P
Plastic-Encapsulate Diodes
1SS196 HOTTECH-1SS196 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
B5817W HOTTECH-B5817W Datasheet
294Kb / 2P
Plastic-Encapsulate Diodes
BAT54WS HOTTECH-BAT54WS Datasheet
202Kb / 2P
Plastic-Encapsulate Diodes
1N4148WS HOTTECH-1N4148WS Datasheet
91Kb / 2P
Plastic-Encapsulate Diodes
logo
SHENZHEN SLS TECHNOLOGY...
1SS181 SHENZHENSLS-1SS181 Datasheet
208Kb / 2P
Plastic-Encapsulate Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com